Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP6500BFLQ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLP6500BFLQ
Description  0.65 1080p MVSP Type A DMD
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP6500BFLQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLP6500BFLQ Datasheet HTML 3Page - Texas Instruments DLP6500BFLQ Datasheet HTML 4Page - Texas Instruments DLP6500BFLQ Datasheet HTML 5Page - Texas Instruments DLP6500BFLQ Datasheet HTML 6Page - Texas Instruments DLP6500BFLQ Datasheet HTML 7Page - Texas Instruments DLP6500BFLQ Datasheet HTML 8Page - Texas Instruments DLP6500BFLQ Datasheet HTML 9Page - Texas Instruments DLP6500BFLQ Datasheet HTML 10Page - Texas Instruments DLP6500BFLQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
DLP6500
www.ti.com
DLPS040A – OCTOBER 2014 – REVISED OCTOBER 2016
Product Folder Links: DLP6500
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
The following power supplies are required to operate the DMD: VCC, VCCI, VOFFSET, VBIAS, and VRESET. VSS must also be
connected.
PIN
TYPE (I/O/P)
SIGNAL
DESCRIPTION
NAME(1)
NO.
VBIAS
N5, P4, R3, R5
Power
Analog
Supply voltage for positive Bias level of Micromirror reset
signal.
VOFFSET
G1, J1, L1, N1, R1
Power
Analog
Supply voltage for HVCMOS logic.
Supply voltage for stepped high voltage at Micromirror
address electrodes.
Supply voltage positive Offset level of Micromirror reset
signal.
VRESET
A3, A5, B4, C7
Power
Analog
Power supply for negative reset level of mirror reset signal
VCC
A7, A15, C1
Power
Analog
Supply voltage for LVCMOS core logic.
E1, U1, AB2
Power
Analog
Supply voltage for normal high level at Micromirror address
electrodes.
AC9, AC15
Power
Analog
Supply voltage for positive Offset level of Micromirror reset
signal during Power Down sequence.
VCCI
A21, A27, D30, M30, Y30,
AC21, AC27
Power
Analog
Power supply for LVDS Interface
VSS
A1, A9, B8, B14, B20, B26,
B30, C13, C19, C25, D6,
D18, D24, E29, F2, F28,
G27, H4, H26, J3, J25, K2,
K30, L25, L27, L29, M2, M6,
M26, M28, N25, N29, P30,
R25, T2, T26, U27, V28,
V30, W5, W29, Y4, Y12,
Y18, Y24, AA3, AA9, AA13,
AA19, AA25, AB14, AB20,
AB26, AB30
Power
Analog
Device Ground. Common return for all power.


Similar Part No. - DLP6500BFLQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP6500FLQ TI1-DLP6500FLQ Datasheet
601Kb / 49P
[Old version datasheet]   MVSP Type A DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
More results

Similar Description - DLP6500BFLQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP6500FLQ TI1-DLP6500FLQ Datasheet
601Kb / 49P
[Old version datasheet]   MVSP Type A DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
[Old version datasheet]   DLP651NE 0.65 1080p DMD
DLP650NE TI1-DLP650NE Datasheet
4Mb / 44P
[Old version datasheet]   0.65 1080p S600 DMD
DLP650LE TI1-DLP650LE Datasheet
737Kb / 38P
[Old version datasheet]   0.65 WXGA DMD
DLP3310 TI1-DLP3310 Datasheet
145Kb / 5P
[Old version datasheet]   0.33 1080p DMD
DLP4710 TI1-DLP4710_18 Datasheet
792Kb / 43P
[Old version datasheet]   0.47 1080p DMD
DLP470NE TI1-DLP470NE Datasheet
469Kb / 42P
[Old version datasheet]   0.47 1080P DMD
DLP230NP TI1-DLP230NP Datasheet
122Kb / 6P
[Old version datasheet]   23 1080p DMD
DLP470NE TI1-DLP470NE_19 Datasheet
763Kb / 46P
[Old version datasheet]   0.47 1080P DMD
DLP4710 TI1-DLP4710_16 Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com