Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ296217DSGT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ296217DSGT
Description  Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ296217DSGT Datasheet(HTML) 4 Page - Texas Instruments

  BQ296217DSGT Datasheet HTML 1Page - Texas Instruments BQ296217DSGT Datasheet HTML 2Page - Texas Instruments BQ296217DSGT Datasheet HTML 3Page - Texas Instruments BQ296217DSGT Datasheet HTML 4Page - Texas Instruments BQ296217DSGT Datasheet HTML 5Page - Texas Instruments BQ296217DSGT Datasheet HTML 6Page - Texas Instruments BQ296217DSGT Datasheet HTML 7Page - Texas Instruments BQ296217DSGT Datasheet HTML 8Page - Texas Instruments BQ296217DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
OUT
VSS
V3
1
2
3
8
7
6
VDD
V4
V1
4
5
V2
REG
REG
VSS
V3
1
2
3
8
7
6
VDD
V4
V1
4
5
V2
OUT
OUT
VSS
V2
1
2
3
8
7
6
VDD
V3
REG_EN
4
5
V1
REG
4
bq2961, bq2962
SLUSBU5C – NOVEMBER 2013 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq2961 bq2962
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
2s-to-3s bq2960xy
(Top View)
2s-to-4s bq2961xy
(Top View)
2s-to-4s bq2962xy
(Top View)
(1)
IA = Analog input, OA = Analog Output, P = Power connection
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
BQ2960
BQ2961
BQ2962
OUT
8
8
7
OA
Analog Output drive for overvoltage fault signal, CMOS Output High or
Open Drain Active Low.
PWPD
9
9
9
P
TI recommends connecting the exposed pad to VSS on PCB.
REG
7
7
8
OA
Regulated Supply Output. Requires an external ceramic capacitor for
stability.
REG_EN
5
IA
Regulated Supply Output Enable. A "high" to enable REG output and
"low" to disable REG output.
V1
4
5
5
IA
Sense input for positive voltage of the lowest cell from the bottom of the
stack.
V2
3
4
4
IA
Sense input for positive voltage of the second cell from the bottom of the
stack.
V3
2
3
3
IA
Sense input for positive voltage of the third cell from the bottom of the
stack.
V4
2
2
IA
Sense input for positive voltage of the fourth cell from the bottom of the
stack.
VDD
1
1
1
P
Power supply input
VSS
6
6
6
P
Electrically connected to integrated circuit ground and negative terminal
of the lowest cell in the stack.


Similar Part No. - BQ296217DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ296217DSGT TI1-BQ296217DSGT Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296217DSGT TI1-BQ296217DSGT Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296217DSGT TI1-BQ296217DSGT Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296217DSGT TI1-BQ296217DSGT Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296217DSGT TI1-BQ296217DSGT Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
More results

Similar Description - BQ296217DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
BQ2961 TI1-BQ2961_V01 Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V02 Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V03 Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V05 Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V04 Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V08 Datasheet
2Mb / 32P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
APRIL 2022
BQ2961 TI-BQ2961_V06 Datasheet
2Mb / 30P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com