Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP9000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLP9000
Description  Family of 0.9 WQXGA Type A DMDs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9000 Datasheet(HTML) 1 Page - Texas Instruments

  DLP9000 Datasheet HTML 1Page - Texas Instruments DLP9000 Datasheet HTML 2Page - Texas Instruments DLP9000 Datasheet HTML 3Page - Texas Instruments DLP9000 Datasheet HTML 4Page - Texas Instruments DLP9000 Datasheet HTML 5Page - Texas Instruments DLP9000 Datasheet HTML 6Page - Texas Instruments DLP9000 Datasheet HTML 7Page - Texas Instruments DLP9000 Datasheet HTML 8Page - Texas Instruments DLP9000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
DLPC900
OSC
LED
Driver
Voltage
Supplies
FAN
PCLK, DE
HSYNC, VSYNC
24-bit RGB Data
I
2C
USB
SCP
DMD CTL, DATA
Red,Green,Blue PWM
LED Strobes
Flash
DLPC900
Flash
DMD DATA
I
2C
SCP
24-bit RGB Data
DLP9000FLS
DMD DATA
LED0
LED0
LED1
LED1
LVDS Interface
DLPC910
LVD Interface
RESET Signals
SCP Interface
Power Management
OSC
50 MHz
CTRL_RSTZ
JTAG(3:0)
DLPR910
PGM(4:0)
Illumination
Driver
Illumination
Sensor
I2C
Row and Block Signals
Control Signals
Status Signals
VLED0
VLED1
DLP9000XFLS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLP9000
DLPS036B – SEPTEMBER 2014 – REVISED OCTOBER 2016
DLP9000 Family of 0.9 WQXGA Type A DMDs
1
1 Features
1
High Resolution 2560×1600 (WQXGA) Array
> 4 Million Micromirrors
7.56-µm Micromirror Pitch
0.9-Inch Micromirror Array Diagonal
±12° Micromirror Tilt Angle (Relative to Flat
State)
Designed for Corner Illumination
Integrated Micromirror Driver Circuitry
Two High Speed Options
DLP9000X With a Single DLPC910 Digital
Controller
480 MHz Input Data Clock Rate
Up to 61 Giga-Bits Per Second (with
Continuous Streaming Input Data)
Up to 14989 Hz (1-Bit Binary Patterns)
Up to 1873 Hz (8-Bit Gray Patterns With
Illumination Modulation)
DLP9000 with Dual DLPC900 Digital Controllers
400 MHz Input Data Clock Rate
Up to 38 Giga-Bits per Second (With Up to 400
Pre-Stored Binary Patterns)
Up to 9523 Hz (1-Bit Binary Patterns)
Up to 1031 Hz (8-Bit Gray Patterns Pre-
Loaded With Illumination Modulation), External
Input Up to 360 Hz
Designed for Use With Broad Wavelength Range
400 nm to 700 nm
Window Transmission 95% (Single Pass,
Through Two Window Surfaces)
Micromirror Reflectivity 88%
Array Diffraction Efficiency 86%
Array Fill Factor 92%
2 Applications
Industrial
Machine Vision and Quality Control
3D Printing
Direct Imaging Lithography
Laser Marking and Repair
Medical
Ophthalmology
3D Scanners for Limb and Skin Measurement
Hyper-Spectral Imaging
Hyper-Spectral Scanning
Displays
3D Imaging Microscopes
Intelligent and Adaptive Lighting
3 Description
Featuring over 4 million micromirrors, the high
resolution
DLP9000
and
DLP9000X
digital
micromirror
devices
(DMDs)
are
spatial
light
modulators (SLMs) that modulate the amplitude,
direction, and/or phase of incoming light. This
advanced light control technology has numerous
applications in the industrial, medical, and consumer
markets. The streaming nature of the DLP9000X and
its DLPC910 controller enable very high speed
continuous
data
streaming
for
lithographic
applications. Both DMDs enable large build sizes and
fine resolution for 3D printing applications. The high
resolution provides the direct benefit of scanning
larger objects for 3D machine vision applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLP9000
CLGA (355)
42.20 mm x 42.20 mm x
7.00 mm
DLP9000X
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACE
Typical DLP9000X Application
Typical DLP9000 Application


Similar Part No. - DLP9000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9000 TI1-DLP9000 Datasheet
932Kb / 56P
[Old version datasheet]   ype A DMDs
DLP9000 TI1-DLP9000 Datasheet
932Kb / 56P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000FLS TI1-DLP9000FLS Datasheet
932Kb / 56P
[Old version datasheet]   ype A DMDs
DLP9000FLS TI1-DLP9000FLS Datasheet
932Kb / 56P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000X TI1-DLP9000X Datasheet
932Kb / 56P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
More results

Similar Description - DLP9000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9000 TI1-DLP9000_16 Datasheet
932Kb / 56P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
[Old version datasheet]   DLP9000XUV 0.9 UV WQXGA Type A DMD
DLP9000 TI1-DLP9000 Datasheet
932Kb / 56P
[Old version datasheet]   ype A DMDs
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
   PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
   ST10F280 is a new member of ST10 family
logo
NXP Semiconductors
SL2S2002 NXP-SL2S2002 Datasheet
108Kb / 13P
   ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com