Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM341T-15 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM341T-15
Description  3-Terminal Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341T-15 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM341T-15 Datasheet HTML 5Page - Texas Instruments LM341T-15 Datasheet HTML 6Page - Texas Instruments LM341T-15 Datasheet HTML 7Page - Texas Instruments LM341T-15 Datasheet HTML 8Page - Texas Instruments LM341T-15 Datasheet HTML 9Page - Texas Instruments LM341T-15 Datasheet HTML 10Page - Texas Instruments LM341T-15 Datasheet HTML 11Page - Texas Instruments LM341T-15 Datasheet HTML 12Page - Texas Instruments LM341T-15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM341/LM78MXX
www.ti.com
SNVS090E – MAY 2004 – REVISED AUGUST 2005
Table 1.
θJA Different Heatsink Area
Layout
Copper Area
Thermal Resistance
Top Sice (in2)(1)
Bottom Side (in2)
(
θJA, °C/W) TO-252
1
0.0123
0
103
2
0.066
0
87
3
0.3
0
60
4
0.53
0
54
5
0.76
0
52
6
1
0
47
7
0
0.2
84
8
0
0.4
70
9
0
0.6
63
10
0
0.8
57
11
0
1
57
12
0.066
0.066
89
13
0.175
0.175
72
14
0.284
0.284
61
15
0.392
0.392
55
16
0.5
0.5
53
(1)
Tab of device attached to topside copper
Figure 16.
θJA vs. 2oz Copper Area for TO-252
Figure 17. Maximum Allowable Power Dissipation vs. Ambient Temperature for TO-252
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM341/LM78MXX


Similar Part No. - LM341T-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM341T-15 NSC-LM341T-15 Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM341T-15 TI1-LM341T-15 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM341T-15 TI-LM341T-15 Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM341T-15/NOPB TI-LM341T-15/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
More results

Similar Description - LM341T-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com