Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP9000XFLS Datasheet(PDF) 10 Page - Texas Instruments

Part # DLP9000XFLS
Description  Family of 0.9 WQXGA Type A DMDs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9000XFLS Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLP9000XFLS Datasheet HTML 6Page - Texas Instruments DLP9000XFLS Datasheet HTML 7Page - Texas Instruments DLP9000XFLS Datasheet HTML 8Page - Texas Instruments DLP9000XFLS Datasheet HTML 9Page - Texas Instruments DLP9000XFLS Datasheet HTML 10Page - Texas Instruments DLP9000XFLS Datasheet HTML 11Page - Texas Instruments DLP9000XFLS Datasheet HTML 12Page - Texas Instruments DLP9000XFLS Datasheet HTML 13Page - Texas Instruments DLP9000XFLS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
10
DLP9000
DLPS036B – SEPTEMBER 2014 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: DLP9000
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
The following power supplies are required to operate the DMD: VCC, VCCI, VOFFSET, VBIAS, and VRESET. VSS must also be
connected.
Pin Functions
PIN
TYPE
(I/O/P)
SIGNAL
DESCRIPTION
NAME (1)
NO.
VBIAS
A3, A9, A5, A11, A7, B2
Power
Analog
Supply voltage for positive Bias level of Micromirror reset
signal.
VOFFSET
L1, N1, R1
Power
Analog
Supply voltage for HVCMOS logic.
U1, W1
Power
Analog
Supply voltage for stepped high voltage at Micromirror
address electrodes.
AC1, AA1
Power
Analog
Supply voltage for Offset level of MBRST(31:0).
VRESET
L31, N31, R31, U31, W31,
AA31
Power
Analog
Supply voltage for negative Reset level of Micromirror reset
signal.
VCC
A21, A23, A25, A27, A29,
C1, C31, E31, G31, J31, K2,
AC31, AE31, AG1, AG31,
AJ31, AK2, AK30, AL3, AL5,
AL7, AL21, AL23, AL25,
AL27
Power
Analog
Supply voltage for LVCMOS core logic.
Supply voltage for normal high level at Micromirror address
electrodes.
VCCI
H18, H24, M6, M26, P6, P26,
T6, T26, V6, V26, Y6, Y26,
AD6, AD12, AD18, AD24
Power
Analog
Supply voltage for LVDS receivers.
VSS
A1, B12, B18, B24, B30, C7,
C13, C19, C25, D6, D12,
D18, D24, D30, E1, E7, E13,
E19, E25, F6, F12, F18, F24,
F30, G7, G13, G19, G25, K4,
K6, K26, K28, K30, M2, M30,
N5, N27, R5, T2, T30, U27,
V2, V30, W5, Y28, AB2, AB4,
AB6, AB26, AB28, AB30,
AC5, AD30, AE7, AE13,
AE19, AE25, AF6, AF12,
AF18, AF24, AF30, AG7,
AG13, AG19, AG25, AH6,
AH12, AH18, AH24, AH30,
AJ1, AJ7, AJ13, AJ19, AJ25,
AK6, AK12, AK18, AL29
Power
Analog
Device Ground. Common return for all power.


Similar Part No. - DLP9000XFLS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9000XFLS TI1-DLP9000XFLS Datasheet
932Kb / 56P
[Old version datasheet]   ype A DMDs
DLP9000XFLS TI1-DLP9000XFLS Datasheet
932Kb / 56P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
More results

Similar Description - DLP9000XFLS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9000 TI1-DLP9000_16 Datasheet
932Kb / 56P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
[Old version datasheet]   DLP9000XUV 0.9 UV WQXGA Type A DMD
DLP9000 TI1-DLP9000 Datasheet
932Kb / 56P
[Old version datasheet]   ype A DMDs
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
   PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
   ST10F280 is a new member of ST10 family
logo
NXP Semiconductors
SL2S2002 NXP-SL2S2002 Datasheet
108Kb / 13P
   ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com