Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24046-H Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC24046-H
Description  Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24046-H Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC24046-H Datasheet HTML 2Page - Micrel Semiconductor MIC24046-H Datasheet HTML 3Page - Micrel Semiconductor MIC24046-H Datasheet HTML 4Page - Micrel Semiconductor MIC24046-H Datasheet HTML 5Page - Micrel Semiconductor MIC24046-H Datasheet HTML 6Page - Micrel Semiconductor MIC24046-H Datasheet HTML 7Page - Micrel Semiconductor MIC24046-H Datasheet HTML 8Page - Micrel Semiconductor MIC24046-H Datasheet HTML 9Page - Micrel Semiconductor MIC24046-H Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Micrel, Inc.
MIC24046-H
July 7, 2015
6
Revision 1.1
Electrical Characteristics
(5) (Continued)
VVIN = VVINLDO = 12V; CVDDA= 2.2µF, CVDDP = 2.2µF, TA = 25°C, unless otherwise noted. Bold values indicate −
40°C ≤ TJ ≤ +125°C.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Gm Error Amplifier
GmEA
Error-Amplifier
Transconductance
1.5
mmho
AEA
Error-Amplifier DC Gain
50000
V/V
ISR_SNK
Error-Amplifier
Source/Sink Current
−400
+400
µA
COMP_H
COMP Output Swing High
2.4
V
COMP_L
COMP Output Swing Low
0.8
V
GmPS
COMP-to-Inductor Current
Transconductance
VOUT = 1.2V, IOUT = 4A
12.5
A/V
Output Voltage DC Accuracy
OutErr12
Output Voltage Accuracy for
Ranges 1 and 2
4.75V
≤ VIN ≤ 19V, VOUT = 0.7V to 1.8V
TA = TJ = −40°C to 125°C, IOUT = 0A
−1
1
%
OutErr3
Output Voltage Accuracy for
Range 3
4.75V
≤ VIN ≤ 19V, VOUT = 2.49V to
3.3V
TA = TJ = −40°C to 125°C, IOUT = 0A
−1.5
1.5
%
LoadReg
Load Regulation
IOUT = 0A to 5A
0.25
%
LineReg
Line Regulation
6V< VIN < 19V, IOUT = 2A
0.1
%
Internal Soft-Start
SS_SR
Reference Soft-Start Slew
Rate
VOUT = 0.7V, 0.8V, 0.9V, 1.0V, 1.2V
0.45
V/ms
Thermal Shutdown
TSHDN
Thermal Shutdown
160
°C
TSHDN_HYST
Thermal-Shutdown Hysteresis
25
°C
Efficiency
η
Efficiency
VIN = 12V, VOUT = 0.9V, IOUT = 2A
fS = fSZ = 400kHz, L = 1.2µH, TA = 25°C
82.3
%


Similar Part No. - MIC24046-H

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
   Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
   Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Micrel Semiconductor
MIC24046YFL MICREL-MIC24046YFL Datasheet
2Mb / 27P
   Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24046YFL-TR MICROCHIP-MIC24046YFL-TR Datasheet
4Mb / 38P
   Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
More results

Similar Description - MIC24046-H

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
   Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24045 MICROCHIP-MIC24045 Datasheet
979Kb / 46P
   I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
   Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
logo
Monolithic Power System...
MP4575 MPS-MP4575 Datasheet
1Mb / 22P
   5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
logo
Texas Instruments
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
logo
Monolithic Power System...
MP2380 MPS-MP2380 Datasheet
371Kb / 11P
   5A, 21V, 600KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com