Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG113 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # REG113
Description  DMOS 400mA Low-Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG113 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REG113 Datasheet HTML 4Page - Texas Instruments REG113 Datasheet HTML 5Page - Texas Instruments REG113 Datasheet HTML 6Page - Texas Instruments REG113 Datasheet HTML 7Page - Texas Instruments REG113 Datasheet HTML 8Page - Texas Instruments REG113 Datasheet HTML 9Page - Texas Instruments REG113 Datasheet HTML 10Page - Texas Instruments REG113 Datasheet HTML 11Page - Texas Instruments REG113 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REG113
8
SBVS031D
www.ti.com
BASIC OPERATION
The REG113 series of LDO (low dropout) linear regulators
offers a wide selection of fixed output voltage versions and
an adjustable output version. The REG113 belongs to a
family of new generation LDO regulators that use a DMOS
pass transistor to achieve ultra low-dropout performance
and freedom from output capacitor constraints. Ground pin
current remains under 1mA over all line, load, and tempera-
ture conditions. All versions have thermal and over-current
protection, including foldback current limit.
The REG113 does not require an output capacitor for
regulator stability and is stable over most output currents
and with almost any value and type of output capacitor up
to 10
µF or more. For applications where the regulator output
current drops below several milliamps, stability can be
enhanced by adding a 1k
Ω to 2kΩ load resistor, using
capacitance values smaller than 10
µF, or keeping the effec-
tive series resistance greater than 0.05
Ω including the
capacitor ESR and parasitic resistance in printed circuit
board traces, solder joints, and sockets.
Although an input capacitor is not required, it is a good
standard analog design practice to connect a 0.1
µF low
ESR capacitor across the input supply voltage; this is
recommended to counteract reactive input sources and
improve ripple rejection by reducing input voltage ripple.
Figure 1 shows the basic circuit connections for the fixed
voltage models.
INTERNAL CURRENT LIMIT
The REG113 internal current limit has a typical value of
500mA. A foldback feature limits the short-circuit current to
a typical short-circuit value of 200mA. A curve of VOUT
versus IOUT is given in Figure 2, and in the Typical Charac-
teristics section.
FIGURE 1. Fixed Voltage Nominal Circuit for the REG113.
REG113
Enable
V
OUT
C
OUT
V
IN
0.1
µF
C
NR
0.01
µF
Gnd
NR
In
Out
Optional
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
CURRENT LIMIT FOLDBACK
0
50
100 150 200 250 300 350 400 450 500 550
Output Current Limit (mA)
V
OUT = 3.3V
I
CL
I
SC
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
67
8
9
10
10
µ
1.0
µ
100n
10n
1n
V
ENABLE (V)
I
ENABLE vs VENABLE
T = +25
°C
T = –55
°C
T = +125
°C
POWER-UP/POWER-DOWN
1s/div
V
OUT = 3.0V
R
LOAD = 12Ω
ENABLE
The Enable pin is active high and compatible with standard
TTL-CMOS levels. Inputs below 0.5V (max) turn the regula-
tor off and all circuitry is disabled. Under this condition,
ground pin current drops to approximately 10nA. When not
used, the Enable pin can be connected to VIN.
FIGURE 2. Foldback Current Limit of the REG113-3.3 at 25
°C.


Similar Part No. - REG113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113 TI-REG113 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
REG113EA-2.5/250 TI-REG113EA-2.5/250 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113EA-2.5/250 TI-REG113EA-2.5/250 Datasheet
551Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113EA-2.5/250 TI1-REG113EA-2.5/250 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
More results

Similar Description - REG113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113 TI-REG113_08 Datasheet
551Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
   3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com