Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3985IM5-3.3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5-3.3
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5-3.3 Datasheet(HTML) 3 Page - Texas Instruments

  LP3985IM5-3.3 Datasheet HTML 1Page - Texas Instruments LP3985IM5-3.3 Datasheet HTML 2Page - Texas Instruments LP3985IM5-3.3 Datasheet HTML 3Page - Texas Instruments LP3985IM5-3.3 Datasheet HTML 4Page - Texas Instruments LP3985IM5-3.3 Datasheet HTML 5Page - Texas Instruments LP3985IM5-3.3 Datasheet HTML 6Page - Texas Instruments LP3985IM5-3.3 Datasheet HTML 7Page - Texas Instruments LP3985IM5-3.3 Datasheet HTML 8Page - Texas Instruments LP3985IM5-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
A3
A1
C3
C1
B2
BYPASS
IN
EN
OUT
GND
4
BYPASS
5
OUT
EN
3
GND
2
IN
1
LP3985
www.ti.com
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
5 Pin Configuration and Functions
DBV Package
5 Pin SOT-23
Top View
YZR Package
5 Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
DSBGA
SOT-23
NAME
NUMBER(1)
NUMBER
BYPASS
A3
4
I/O
Optional bypass capacitor for noise reduction
EN
A1
3
I
Enable input logic, enable high
GND
B2
2
GND
Common ground
IN
C3
1
I
Input voltage of the LDO
OUT
C1
5
O
Output voltage of the LDO
(1)
The pin numbering scheme for the DSBGA package was revised in April 2002 to conform to JEDEC standard. Only the pin numbers
were revised. No changes to the physical location of the inputs/outputs were made. For reference purposes, the obsolete numbering
scheme had VEN as pin 1, GND as pin 2, VOUT as pin 3, VIN as pin 4, and BYPASS as pin 5.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3985


Similar Part No. - LP3985IM5-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985IM5-3.3 NSC-LP3985IM5-3.3 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3985IM5-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com