Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530EZCBBA Datasheet(PDF) 1 Page - Texas Instruments

Part # OMAP3530EZCBBA
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
Download  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530EZCBBA Datasheet(HTML) 1 Page - Texas Instruments

  OMAP3530EZCBBA Datasheet HTML 1Page - Texas Instruments OMAP3530EZCBBA Datasheet HTML 2Page - Texas Instruments OMAP3530EZCBBA Datasheet HTML 3Page - Texas Instruments OMAP3530EZCBBA Datasheet HTML 4Page - Texas Instruments OMAP3530EZCBBA Datasheet HTML 5Page - Texas Instruments OMAP3530EZCBBA Datasheet HTML 6Page - Texas Instruments OMAP3530EZCBBA Datasheet HTML 7Page - Texas Instruments OMAP3530EZCBBA Datasheet HTML 8Page - Texas Instruments OMAP3530EZCBBA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 262 page
background image
OMAP3525-HiRel, OMAP3530-HiRel
www.ti.com
SPRS599D – JUNE 2009 – REVISED AUGUST 2010
OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
Check for Samples: OMAP3525-HiRel, OMAP3530-HiRel
1
OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
1.1
Features
1234
– Instruction Packing Reduces Code Size
• OMAP325 and OMAP3530 Applications
Processor:
– All Instructions Conditional
– OMAP™ 3 Architecture
– Additional C64x+™ Enhancements
– MPU Subsystem
Protected Mode Operation
Up to 600-MHz ARM Cortex™-A8 Core
Exceptions Support for Error Detection
and Program Redirection
NEON™ SIMD Coprocessor
Hardware Support for Modulo Loop
– High Performance Image, Video, Audio
Operation
(IVA2.2™) Accelerator Subsystem
• C64x+ L1/L2 Memory Architecture
Up to 520-MHz TMS320C64x+™ DSP Core
– 32K-Byte L1P Program RAM/Cache (Direct
Enhanced Direct Memory Access (EDMA)
Mapped)
Controller (128 Independent Channels)
– 80K-Byte L1D Data RAM/Cache (2-Way
Video Hardware Accelerators
Set-Associative)
– POWERVR SGX™ Graphics Accelerator
– 64K-Byte L2 Unified Mapped RAM/Cache
(OMAP3530 Device Only)
(4-Way Set-Associative)
Tile Based Architecture Delivering up to
– 32K-Byte L2 Shared SRAM and 16K-Byte L2
10 MPoly/sec
ROM
Universal Scalable Shader Engine:
• C64x+ Instruction Set Features
Multi-threaded Engine Incorporating Pixel
and Vertex Shader Functionality
– Byte-Addressable (8-/16-/32-/64-Bit Data)
Industry Standard API Support:
– 8-Bit Overflow Protection
OpenGLES 1.1 and 2.0, OpenVG1.0
– Bit-Field Extract, Set, Clear
Fine Grained Task Switching, Load
– Normalization, Saturation. Bit-Counting
Balancing, and Power Management
– Compact 16-Bit Instructions
Programmable High Quality Image
– Additional Instructions to Support Complex
Anti-Aliasing
Multiplies
– Fully Software-Compatible With C64x and
• ARM Cortex™-A8 Core
ARM9™
– ARMv7 Architecture
– Commercial and Extended Temperature
Trust Zone®
Grades
Thumb®-2
• Advanced Very-Long-Instruction-Word (VLIW)
MMU Enhancements
TMS320C64x+™ DSP Core
– In-Order, Dual-Issue, Superscalar
– Eight Highly Independent Functional Units
Microprocessor Core
+Six ALUs (32-/40-Bit), Each Supports
– NEON™ Multimedia Architecture
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
– Over 2x Performance of ARMv6 SIMD
Arithmetic per Clock Cycle
– Supports Both Integer and Floating Point
Two Multipliers Support Four 16 x 16-Bit
SIMD
Multiplies (32-Bit Results) per Clock
– Jazelle® RCT Execution Environment
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
Architecture
Results) per Clock Cycle
– Dynamic Branch Prediction with Branch
– Load-Store Architecture With Non-Aligned
Target Address Cache, Global History
Support
Buffer, and 8-Entry Return Stack
– 64 32-Bit General-Purpose Registers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
POWERVR SGX is a trademark of Imagination Technologies Ltd.
3
OMAP is a trademark of Texas Instruments.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OMAP3530EZCBBA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3530ECBB TI1-OMAP3530ECBB Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAP3530ECBB TI1-OMAP3530ECBB Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
OMAP3530ECBB TI1-OMAP3530ECBB Datasheet
2Mb / 265P
[Old version datasheet]   Applications Processors
OMAP3530ECBB72 TI1-OMAP3530ECBB72 Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAP3530ECBB72 TI1-OMAP3530ECBB72 Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
More results

Similar Description - OMAP3530EZCBBA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
[Old version datasheet]   OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
OMAP3530 TI1-OMAP3530_15 Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
OMAP3503-HIREL TI1-OMAP3503-HIREL Datasheet
2Mb / 329P
[Old version datasheet]   OMAP3503-HiRel Applications Processor
logo
Siemens Semiconductor G...
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
logo
Siemens Semiconductor G...
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
logo
Texas Instruments
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
SM320C6748-HIREL TI1-SM320C6748-HIREL Datasheet
1Mb / 266P
[Old version datasheet]   SM320C6748-HIREL Fixed- and Floating-Point Digital Signal Processor
logo
Actel Corporation
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com