Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4016-1CF100C Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # QL4016-1CF100C
Description  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL4016-1CF100C Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button QL4016-1CF100C Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4016-1CF100C Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-1CF100C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-1CF100C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-1CF100C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-1CF100C Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4016-1CF100C Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4016-1CF100C Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4016-1CF100C Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
www.quicklogic.com
© 2002 QuickLogic Corporation
QL4016 QuickRAM Data Sheet Rev I
DC Characteristics
The DC specifications are provided in the tables below.
Table 9: Absolute Maximum Ratings
Parameter
Value
Parameter
Value
V
CC Voltage
-0.5 V to 4.6 V
DC Input Current
±20 mA
VCCIO Voltage
-0.5 V to 7.0 V
ESD Pad Protection
±2000 V
Input Voltage
-0.5 V to V
CCIO +0.5 V
Storage Temperature
-65°C to +150°C
Latch-up Immunity
±200 mA
Lead Temperature
300°C
Table 10: Operating Range
Symbol
Parameter
Military
Industrial
Commercial
Unit
Min
Max
Min
Max
Min
Max
V
CC
Supply Voltage
3.0
3.6
3.0
3.6
3.0
3.6
V
V
CCIO
I/O Input Tolerance Voltage
3.0
5.5
3.0
5.5
3.0
5.25
V
TA
Ambient Temperature
-55
-
-40
85
0
70
°C
TC
Case Temperature
-
125
-
-
-
-
°C
K
Delay Factor
-0 Speed Grade
0.42
2.03
0.43
1.90
0.46
1.85
n/a
-1 Speed Grade
0.42
1.64
0.43
1.54
0.46
1.50
n/a
-2 Speed Grade
0.42
1.37
0.43
1.28
0.46
1.25
n/a
-3 Speed Grade
0.43
0.90
0.46
0.88
n/a
-4 Speed Grade
0.43
0.82
0.46
0.80
n/a


Similar Part No. - QL4016-1CF100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016-1CF100M ETC1-QL4016-1CF100M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-1CF100M/883 ETC1-QL4016-1CF100M/883 Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4016-1CF100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com