Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4028EUE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4028EUE
Description  Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4028EUE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4028EUE Datasheet HTML 1Page - Maxim Integrated Products MAX4028EUE Datasheet HTML 2Page - Maxim Integrated Products MAX4028EUE Datasheet HTML 3Page - Maxim Integrated Products MAX4028EUE Datasheet HTML 4Page - Maxim Integrated Products MAX4028EUE Datasheet HTML 5Page - Maxim Integrated Products MAX4028EUE Datasheet HTML 6Page - Maxim Integrated Products MAX4028EUE Datasheet HTML 7Page - Maxim Integrated Products MAX4028EUE Datasheet HTML 8Page - Maxim Integrated Products MAX4028EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Triple/Quad, 2:1 Video
Multiplexer-Amplifiers with Input Clamps
_______________________________________________________________________________________
5
OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
100k
1
10
100
0.1
10k
1G
INPUT-VOLTAGE NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
10
10
100
1000
1
11M
LARGE-SIGNAL TRANSIENT RESPONSE
MAX4028 toc12
10ns/div
1.6VDC
VIN
500mV/div
VOUT
1V/div
SMALL-SIGNAL TRANSIENT RESPONSE
MAX4028 toc13
10ns/div
1.6VDC
VIN
25mV/div
SIGNAL 2
50mV/div
CHANNEL-SWITCHING TRANSIENT
MAX4028 toc14
20ns/div
5VDC
0VDC
A/B
2.5V/div
VOUT
20mV/div
CHANNEL-SWITCHING TIME
(CHA = 1.5VDC, CHB = 1VDC)
MAX4028 toc15
20ns/div
5VDC
0VDC
A/B
2.5V/div
VOUT
500mV/div
ENABLE RESPONSE TIME
(VOUT = 0.5V)
MAX4028 toc16
50ns/div
5VDC
0VDC
0.5VDC
0VDC
ENABLE
2.5V/div
VOUT
250mV/div
SMALL-SIGNAL BANDWIDTH
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
2
3
4
5
6
7
8
9
10
11
1
100k
1G
CLOAD = 15pF
CLOAD = 10pF
CLOAD = 5pF
OPTIMAL ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CLOAD (pF)
200
150
100
50
5
10
15
20
25
30
0
0250
Typical Operating Characteristics (continued)
(VCC = +5V, GND = 0V, VDISABLE = +5V, RL = 150
Ω to GND, CIN = 0.1µF, RKEYREF = 6.04kΩ ±1%, TA = +25°C, unless otherwise
noted.)


Similar Part No. - MAX4028EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4020 MAXIM-MAX4020 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX40200 MAXIM-MAX40200 Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
MAX40200AUK++ MAXIM-MAX40200AUK+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
More results

Similar Description - MAX4028EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9657 MAXIM-MAX9657 Datasheet
278Kb / 15P
   Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
Rev 0; 2/09
MAX4023 MAXIM-MAX4023 Datasheet
470Kb / 22P
   Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 0; 1/03
MAX4023 MAXIM-MAX4023_09 Datasheet
410Kb / 23P
   Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
NXP Semiconductors
NX5DV330 PHILIPS-NX5DV330 Datasheet
105Kb / 15P
   Quad 1-of-2 video multiplexer/demultiplexer
Rev. 03-5 August 2009
NX5DV330 NXP-NX5DV330 Datasheet
105Kb / 15P
   Quad 1-of-2 video multiplexer/demultiplexer
Rev. 03-5 August 2009
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com