Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8345ILDX-5.0 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8345ILDX-5.0
Description  Low Dropout, Low IQ, 500mA CMOS Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8345ILDX-5.0 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP8345ILDX-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LP8345ILDX-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LP8345ILDX-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LP8345ILDX-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LP8345ILDX-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP8345ILDX-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP8345ILDX-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP8345ILDX-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP8345ILDX-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Connection Diagrams
6-Pin LLP
FIXED OUTPUT VOLTAGE
20064804
Bottom View
6-Pin LLP
ADJUSTABLE OUTPUT VOLTAGE
20064806
Bottom View
Note: VIN Pins (Pin1&6) must be connected together externally for full 500mA operation (250mA max per pin).
VOUT Sense (Pin 5) must be connected to VOUT (Pin 4).
T0-252
20064805
Top View
www.national.com
3


Similar Part No. - LP8345ILDX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
   Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
logo
National Semiconductor ...
LP8340C NSC-LP8340C Datasheet
304Kb / 14P
   Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
LP8340CDT-1.8 NSC-LP8340CDT-1.8 Datasheet
304Kb / 14P
   Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
LP8340CDT-2.5 NSC-LP8340CDT-2.5 Datasheet
304Kb / 14P
   Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
More results

Similar Description - LP8345ILDX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
   Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com