Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT3006YMFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPT3006YMFR
Description  OPT3006 Ultra-Thin Ambient Light Sensor
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPT3006YMFR Datasheet(HTML) 4 Page - Texas Instruments

  OPT3006YMFR Datasheet HTML 1Page - Texas Instruments OPT3006YMFR Datasheet HTML 2Page - Texas Instruments OPT3006YMFR Datasheet HTML 3Page - Texas Instruments OPT3006YMFR Datasheet HTML 4Page - Texas Instruments OPT3006YMFR Datasheet HTML 5Page - Texas Instruments OPT3006YMFR Datasheet HTML 6Page - Texas Instruments OPT3006YMFR Datasheet HTML 7Page - Texas Instruments OPT3006YMFR Datasheet HTML 8Page - Texas Instruments OPT3006YMFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
OPT3006
SBOS698 – OCTOBER 2016
www.ti.com
Product Folder Links: OPT3006
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Long exposure to temperatures higher than 105°C can cause package discoloration, spectral distortion, and measurement inaccuracy.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Voltage
VDD to GND
–0.5
6
V
SDA, SCL, INT, and ADDR to GND
–0.5
6
V
Current into any pin
10
mA
Temperature
Junction
150
°C
Storage, Tstg
–65
150(2)
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Operating temperature
–40
85
°C
Operating power-supply voltage
1.6
3.6
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
OPT3006
UNIT
YMF (PicoStar)
6 PINS
RθJA
Junction-to-ambient thermal resistance
122.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.4
°C/W
RθJB
Junction-to-board thermal resistance
34.9
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
35.3
°C/W


Similar Part No. - OPT3006YMFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Similar Description - OPT3006YMFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3007 TI1-OPT3007 Datasheet
1Mb / 39P
[Old version datasheet]   OPT3007 Ultra-Thin Ambient Light Sensor
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com