Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA830-EP Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA830-EP
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA830-EP_15 Datasheet HTML 6Page - Texas Instruments OPA830-EP_15 Datasheet HTML 7Page - Texas Instruments OPA830-EP_15 Datasheet HTML 8Page - Texas Instruments OPA830-EP_15 Datasheet HTML 9Page - Texas Instruments OPA830-EP_15 Datasheet HTML 10Page - Texas Instruments OPA830-EP_15 Datasheet HTML 11Page - Texas Instruments OPA830-EP_15 Datasheet HTML 12Page - Texas Instruments OPA830-EP_15 Datasheet HTML 13Page - Texas Instruments OPA830-EP_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
I
O (mA)
−160
−120
−80
−40
0
40
80
120
160
1W Internal
Power Lim it
Output
Current Limit
Output
Current Lim it
1W Internal
P ower Limit
R
L = 500Ω
R
L = 100Ω
R
L = 50Ω
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
Resistance (Ω )
10
100
1k
8
7
6
5
4
3
2
1
0
−1
−2
−3
Frequency (MHz)
1
10
100
200
C
L = 1000pF
C
L = 100pF
C
L = 10pF
750Ω
R
S
OPA 830
V
V
I
O
50Ω
1kΩ(1)
C
L
750Ω
NOTE: (1) 1kΩ is optional.
120
110
100
90
80
70
60
50
40
30
20
10
Capacitive Load (pF)
1
10
100
1k
OPA830-EP
SBOS655 – MARCH 2014
www.ti.com
Typical Characteristics VS = ±5V (continued)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted.
0dB Peaking Targeted
Figure 14. Recommended RS vs Capacitive Load
Figure 13. Frequency Response vs Capacitive Load
G = +5V/V
VS = ±5V
Figure 15. Output Swing vs Load Resistance
Figure 16. Output Voltage and Current Limitations
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: OPA830-EP


Similar Part No. - OPA830-EP_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA830-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4830 NSC-OPA4830 Datasheet
1Mb / 45P
   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA4830IPW TI-OPA4830IPW Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com