Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4132DQ1MFT3.3 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM4132DQ1MFT3.3
Description  SOT-23 Precision Low Dropout Voltage Reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4132DQ1MFT3.3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4132DQ1MFT3.3 Datasheet HTML 6Page - Texas Instruments LM4132DQ1MFT3.3 Datasheet HTML 7Page - Texas Instruments LM4132DQ1MFT3.3 Datasheet HTML 8Page - Texas Instruments LM4132DQ1MFT3.3 Datasheet HTML 9Page - Texas Instruments LM4132DQ1MFT3.3 Datasheet HTML 10Page - Texas Instruments LM4132DQ1MFT3.3 Datasheet HTML 11Page - Texas Instruments LM4132DQ1MFT3.3 Datasheet HTML 12Page - Texas Instruments LM4132DQ1MFT3.3 Datasheet HTML 13Page - Texas Instruments LM4132DQ1MFT3.3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
LM4132, LM4132-Q1
SNVS372G – AUGUST 2005 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM4132 LM4132-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control.
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Long-term stability is VREF at 25°C measured during 1000 hrs.
(4)
Thermal hysteresis is defined as the change in 25°C output voltage before and after cycling the device from (–40°C to 125°C).
(5)
Dropout voltage is defined as the minimum input to output differential at which the output voltage drops by 0.5% below the value
measured with a 5-V input.
6.10 Electrical Characteristics LM4132-3.3-Q1(VOUT = 3.3 V)
Unless otherwise specified, limits are TJ = 25°C, VIN = 5 V, and ILOAD = 0 mA.
PARAMETER
TEST CONDITIONS
MIN(1) TYP(2)
MAX(1)
UNIT
VREF
Output voltage initial
accuracy
LM4132C-3.3-Q1
(C Grade - 0.2%)
–0.2%
0.2%
LM4132D-3.3-Q1
(D Grade - 0.4%)
–0.4%
0.4%
TCVREF/°C
Temperature
coefficient
LM4132C-3.3-Q1
–40°C
≤ TJ ≤ 125°C
20
ppm/°C
LM4132D-3.3-Q1
20
IQ
Supply current
60
µA
–40°C
≤ TJ ≤ 125°C
100
IQ_SD
Supply current in shutdown
EN = 0 V
3
µA
–40°C
≤ TJ ≤ 125°C
7
ΔVREF/ΔVIN
Line regulation
VREF + 400 mV ≤ VIN ≤ 5.5 V
85
ppm/V
ΔVREF/ΔILOAD
Load Regulation
0 mA
≤ ILOAD ≤ 25 mA
25
ppm/mA
–40°C
≤ TJ ≤ 125°C
120
ΔVREF
Long-term stability(3)
1000 Hrs
50
ppm
Thermal hysteresis(4)
–40°C
≤ TJ ≤ 125°C
75
VIN – VREF
Dropout voltage(5)
ILOAD = 10 mA
175
mV
–40°C
≤ TJ ≤ 125°C
400
VN
Output noise voltage
0.1 Hz to 10 Hz
310
µVPP
ISC
Short-circuit current
–40°C
≤ TJ ≤ 125°C
75
mA
VIL
Enable pin maximum low input level
–40°C
≤ TJ ≤ 125°C
35% (VIN)
V
VIH
Enable pin minimum high input level
–40°C
≤ TJ ≤ 125°C
65% (VIN)
V


Similar Part No. - LM4132DQ1MFT3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4132DQ1MFT3.0 TI1-LM4132DQ1MFT3.0 Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
More results

Similar Description - LM4132DQ1MFT3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI-LM4132_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com