Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC04-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AC04-Q1
Description  HEX INVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AC04-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AC04-Q1 Datasheet HTML 1Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 2Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 3Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 4Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 5Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 6Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 7Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74AC04EP
HEX INVERTER
SCAS717 − OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.99
2.9
IOH = −50 µA
4.5 V
4.4
4.49
4.4
VOH
IOH = −50 µA
5.5 V
5.4
5.49
5.4
V
VOH
IOH = −12 mA
3 V
2.56
2.4
V
IOH = −24 mA
4.5 V
3.86
3.7
IOH = −24 mA
5.5 V
4.86
4.7
3 V
0.002
0.1
0.1
IOL = 50 µA
4.5 V
0.001
0.1
0.1
VOL
IOL = 50 µA
5.5 V
0.001
0.1
0.1
V
VOL
IOL = 12 mA
3 V
0.36
0.5
V
IOL = 24 mA
4.5 V
0.36
0.5
IOL = 24 mA
5.5 V
0.36
0.5
II
VI = VCC or GND
5.5 V
±0.1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
40
µA
Ci
VI = VCC or GND
2.8
pF
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4.5
9
1
11
ns
tPHL
A
Y
1.5
4.5
8.5
1
10
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4
7
1
8.5
ns
tPHL
A
Y
1.5
3.5
6.5
1
7.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
45
pF


Similar Part No. - SN74AC04-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC04-Q1 TI1-SN74AC04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   HEX INVERTER
More results

Similar Description - SN74AC04-Q1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com