Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL1801MODGBMOCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # WL1801MODGBMOCR
Description  WL18xxMOD WiLink 8 Single-Band Combo Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

WL1801MODGBMOCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button WL1801MODGBMOCR Datasheet HTML 4Page - Texas Instruments WL1801MODGBMOCR Datasheet HTML 5Page - Texas Instruments WL1801MODGBMOCR Datasheet HTML 6Page - Texas Instruments WL1801MODGBMOCR Datasheet HTML 7Page - Texas Instruments WL1801MODGBMOCR Datasheet HTML 8Page - Texas Instruments WL1801MODGBMOCR Datasheet HTML 9Page - Texas Instruments WL1801MODGBMOCR Datasheet HTML 10Page - Texas Instruments WL1801MODGBMOCR Datasheet HTML 11Page - Texas Instruments WL1801MODGBMOCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
WL1801MOD, WL1805MOD, WL1831MOD, WL1835MOD
SWRS152L – JULY 2013 – REVISED DECEMBER 2015
www.ti.com
4.1
Pin Description
Table 4-1 describes the module pins.
Table 4-1. Pin Description
PIN NAME
PIN
TYPE/
SHUTDOWN
AFTER
VOLTAGE
CONNECTIVITY(2)
DESCRIPTION
DIR
STATE
POWER
LEVEL
1801
1805
1831
1835
UP(1)
Clocks and Reset Signals
WL_SDIO_CLK
8
I
Hi-Z
Hi-Z
1.8 V
v
v
v
v
WLAN SDIO clock.
Must be driven by the
host.
EXT_32K
36
ANA
v
v
v
v
Input sleep clock:
32.768 kHz
WLAN_EN
40
I
PD
PD
1.8 V
v
v
v
v
Mode setting: high =
enable
BT_EN
41
I
PD
PD
1.8 V
x
x
v
v
Mode setting: high =
enable
Power-Management Signals
VIO_IN
38
POW
PD
PD
1.8 V
v
v
v
v
Connect to 1.8-V
external VIO
VBAT_IN
46
POW
VBAT
v
v
v
v
Power supply input,
2.9 to 4.8 V
VBAT_IN
47
POW
VBAT
v
v
v
v
Power supply input,
2.9 to 4.8 V
TI Reserved
GPIO11
2
I/O
PD
PD
1.8 V
v
v
v
v
Reserved for future
use. NC if not used.
GPIO9
3
I/O
PD
PD
1.8 V
v
v
v
v
Reserved for future
use. NC if not used.
GPIO10
4
I/O
PU
PU
1.8 V
v
v
v
v
Reserved for future
use. NC if not used.
GPIO12
5
I/O
PU
PU
1.8 V
v
v
v
v
Reserved for future
use. NC if not used.
RESERVED1
21
I
PD
PD
1.8 V
x
x
x
x
Reserved for future
use. NC if not used.
RESERVED2
22
I
PD
PD
1.8 V
x
x
x
x
Reserved for future
use. NC if not used.
GPIO4
25
I/O
PD
PD
1.8 V
v
v
v
v
Reserved for future
use. NC if not used.
RESERVED3
62
O
PD
PD
1.8 V
x
x
x
x
Reserved for future
use. NC if not used.
WLAN Functional Block: Int Signals
WL_SDIO_CMD_1V
6
I/O
Hi-Z
Hi-Z
1.8 V
v
v
v
v
WLAN SDIO
8
command(3)
WL_SDIO_D0_1V8
10
I/O
Hi-Z
Hi-Z
1.8 V
v
v
v
v
WLAN SDIO data bit
0(3)
WL_SDIO_D1_1V8
11
I/O
Hi-Z
Hi-Z
1.8 V
v
v
v
v
WLAN SDIO data bit
1(3)
WL_SDIO_D2_1V8
12
IO
Hi-Z
Hi-Z
1.8 V
v
v
v
v
WLAN SDIO data bit
2(3)
WL_SDIO_D3_1V8
13
I/O
Hi-Z
PU
1.8 V
v
v
v
v
WLAN SDIO data bit
3. Changes state to
PU at WL_EN or
BT_EN assertion for
card detects. Later
disabled by software
during
initialization.(3)
8
Terminal Configuration and Functions
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: WL1801MOD WL1805MOD WL1831MOD WL1835MOD


Similar Part No. - WL1801MODGBMOCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1801MOD TI-WL1801MOD_15 Datasheet
1Mb / 42P
[Old version datasheet]   WL18xxMOD WiLink??8 Single-Band Combo Module ?밯i-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
More results

Similar Description - WL1801MODGBMOCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1807MOD TI1-WL1807MOD_16 Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1801MOD TI-WL1801MOD_15 Datasheet
1Mb / 42P
[Old version datasheet]   WL18xxMOD WiLink??8 Single-Band Combo Module ?밯i-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
   Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Texas Instruments
WL1807MOD TI-WL1807MOD_15 Datasheet
1Mb / 46P
[Old version datasheet]   WL18x7MOD WiLink??8 Dual-Band Industrial Module ??Wi-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
   AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
   Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
   Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
   2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
NXP Semiconductors
IW416 NXP-IW416_V01 Datasheet
1Mb / 117P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC
Rev. 6 - 3 March 2023
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com