Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL1805MODGBMOCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # WL1805MODGBMOCT
Description  WL18xxMOD WiLink 8 Single-Band Combo Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

WL1805MODGBMOCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button WL1805MODGBMOCT Datasheet HTML 6Page - Texas Instruments WL1805MODGBMOCT Datasheet HTML 7Page - Texas Instruments WL1805MODGBMOCT Datasheet HTML 8Page - Texas Instruments WL1805MODGBMOCT Datasheet HTML 9Page - Texas Instruments WL1805MODGBMOCT Datasheet HTML 10Page - Texas Instruments WL1805MODGBMOCT Datasheet HTML 11Page - Texas Instruments WL1805MODGBMOCT Datasheet HTML 12Page - Texas Instruments WL1805MODGBMOCT Datasheet HTML 13Page - Texas Instruments WL1805MODGBMOCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
WL1801MOD, WL1805MOD, WL1831MOD, WL1835MOD
SWRS152L – JULY 2013 – REVISED DECEMBER 2015
www.ti.com
Table 4-1. Pin Description (continued)
PIN NAME
PIN
TYPE/
SHUTDOWN
AFTER
VOLTAGE
CONNECTIVITY(2)
DESCRIPTION
DIR
STATE
POWER
LEVEL
1801
1805
1831
1835
UP(1)
Ground Pins
GND
1, 7,
GND
v
v
v
v
9, 15,
16,
17,
19,
20,
23,
24,
28,
29,
30,
31,
33,
34,
35,
37,
39,
44,
45,
48,
49,
54,
55,
59,
61,
63,
64,
G1-
G36
(1) PU = pullup; PD = pulldown.
(2) v = connect; x = no connect.
(3) Host must provide PU using a 10-K resistor for all non-CLK SDIO signals.
10
Terminal Configuration and Functions
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: WL1801MOD WL1805MOD WL1831MOD WL1835MOD


Similar Part No. - WL1805MODGBMOCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1801 TI-WL1801 Datasheet
1Mb / 11P
[Old version datasheet]   WL18x1 WiLink??8 Single-Band Combo Device Supporting Wi-Fi짰 , Bluetooth짰 , and Bluetooth짰 Low Energy
WL1801GYFVR TI-WL1801GYFVR Datasheet
1Mb / 11P
[Old version datasheet]   WL18x1 WiLink??8 Single-Band Combo Device Supporting Wi-Fi짰 , Bluetooth짰 , and Bluetooth짰 Low Energy
WL1801MOD TI-WL1801MOD_15 Datasheet
1Mb / 42P
[Old version datasheet]   WL18xxMOD WiLink??8 Single-Band Combo Module ?밯i-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
WL1807MOD TI1-WL1807MOD Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1807MODGIMOCR TI1-WL1807MODGIMOCR Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
More results

Similar Description - WL1805MODGBMOCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1807MOD TI1-WL1807MOD_16 Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1801MOD TI-WL1801MOD_15 Datasheet
1Mb / 42P
[Old version datasheet]   WL18xxMOD WiLink??8 Single-Band Combo Module ?밯i-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
   Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Texas Instruments
WL1807MOD TI-WL1807MOD_15 Datasheet
1Mb / 46P
[Old version datasheet]   WL18x7MOD WiLink??8 Dual-Band Industrial Module ??Wi-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
   AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
   Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
   Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
   2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
NXP Semiconductors
IW416 NXP-IW416_V01 Datasheet
1Mb / 117P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC
Rev. 6 - 3 March 2023
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com