Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U-H-2800-52-HB1C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # D1U-H-2800-52-HB1C
Description  AC/DC Front End Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U-H-2800-52-HB1C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  D1U-H-2800-52-HB1C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U-H-2800-52-HB1C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U-H-2800-52-HB1C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U-H-2800-52-HB1C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U-H-2800-52-HB1C Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
D1U-H-2800-52-HBxC Series
AC/DC Front End Power Supply
D1U-H-2800-52-HBxC.A08 Page 5 of 5
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2012 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
MECHANICAL DIMENSIONS
Dimensions: 5.5" x 11.4" x 1.61" [140.0mm x 289.0mm x 41.0mm]
OPTIONAL ACCESSORIES
Description
Part Number
52V D1U-H output connector card
D1U-52-CONC
APPLICATION NOTES
Document Number
Description
Link
ACAN-28
D1U-52-CONC Output Connector Card
www.murata-ps.com/data/apnotes/acan-28.pdf
ACAN-30
D1U-H-2800-52 Communications Protocol
www.murata-ps.com/data/apnotes/acan-30.pdf
7,87
± 0,25
0.310
± 0.009
[]
289,00
± 0,50
11.378
± 0.019
[]
REF
321,53
12.659
[]
2,80
± 0,25
0.110
± 0.009
[]
1,00
0.039
[]
267,54
± 0,25
10.533
± 0.009
[]
REF
296,87
11.688
[]
140,00
± 0,40
5.512
± 0.015
[]
41,00
± 0,35
1.614
± 0.013
[]
34,45
± 0,35
1.356
± 0.013
[]
12,63
± 0,35
0.497
± 0.013
[]


Similar Part No. - D1U-H-2800-52-HB1C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-H-2800-52-HB1C MURATA-PS-D1U-H-2800-52-HB1C Datasheet
189Kb / 5P
   AC/DC Front End Power Supply
D1U-H-2800-52-HB1C MURATA-PS-D1U-H-2800-52-HB1C Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
More results

Similar Description - D1U-H-2800-52-HB1C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
D1U4CS MURATA-PS-D1U4CS Datasheet
202Kb / 6P
   AC/DC Front End Power Supply
C1U-W-1200-12-TA1C MURATA-PS-C1U-W-1200-12-TA1C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET750-12-050XA BEL-PET750-12-050XA Datasheet
1Mb / 19P
   AC-DC FRONT-END POWER SUPPLY
PET1300-12-054XA BEL-PET1300-12-054XA Datasheet
1Mb / 23P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com