Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAN-62 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # ACAN-62
Description  AC-DC Three Phase Power Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACAN-62 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  ACAN-62 Datasheet HTML 1Page - Murata Power Solutions Inc. ACAN-62 Datasheet HTML 2Page - Murata Power Solutions Inc. ACAN-62 Datasheet HTML 3Page - Murata Power Solutions Inc. ACAN-62 Datasheet HTML 4Page - Murata Power Solutions Inc. ACAN-62 Datasheet HTML 5Page - Murata Power Solutions Inc. ACAN-62 Datasheet HTML 6Page - Murata Power Solutions Inc. ACAN-62 Datasheet HTML 7Page - Murata Power Solutions Inc. ACAN-62 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
D2U5T-H3-5000-380-HU3C
AC-DC Three Phase Power Converter
D2U5T-H3-5000-380-HU3C.A02 Page 3 of 8
www.murata-ps.com/support
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Startup Time
AC ramp up
3
s
Transient Response
380V, 50-100% load step, 0.1A/μs di/dt
15
Vp-p
5VSB, 50-100% load step, 1A/μs di/dt
250
mVp-p
3.3VSB, 50-100% load step, 1A/μs di/dt
165
mVp-p
Current sharing accuracy (up to 3 in parallel)
380V @100% load
+/-10
%
Hot Swap Transients
All outputs within regulation
Holdup Time
380V @100% load
25
ms
VSB @100% Load
500
GENERAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Storage Temperature Range
-40
70
°C
Operating Temperature Range
-15
50
°C
Operating Humidity
Non-condensing
10
90
%
Storage Humidity
Non-condensing
5
90
%
Altitude
(Without derating at 40°C)
3000
m
(Without derating at 50°C)
1800
Shock
30G non-operating
Sinusoidal Vibration
0.5G, 5 – 500 Hz
MTBF
Calculated per Telcordia SR-332 @40°C
220K
hrs
Weight
7
kg
Safety Approvals
CAN/CSA C22.2 No 60950-1-07, Am.1:2011, Am 2:2014
ANSI/UL 60950-1-2014
IEC60950-1:2005 (2nd Ed.), Am 1:2009 + Am 2:2013
EN 60950-1:2006+A11:2009 +A1:2010 +A12:2011 +A2:2013
Input Fuses
Power Supply has one internal 16A/500V fast blow fuse on each of the three AC line inputs.
Material Flammability
UL 94V0
PROTECTION CHARACTERISTICS
Output
Parameter
Conditions
Min
Typ
Max
Units
Over-temperature (intake)
Auto-restart
57
60
63
°C
380V
Over Voltage
Latching
418
445
V
Over Current Range 1
Hiccup or Latching
105
130
%
Over Current Range 2
Hiccup or Latching
105
130
%
3.3VSB
Over Voltage
Latching
3.9
4.3
V
Over Current
Hiccup
6.3
9
A
5VSB
Over Voltage
Latching
5.6
6.0
V
Over Current
Hiccup
4.2
6
A


Similar Part No. - ACAN-62

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACAN-60 MURATA-PS-ACAN-60 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
ACAN-64 MURATA-PS-ACAN-64 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
More results

Similar Description - ACAN-62

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D2U5T MURATA-PS-D2U5T Datasheet
379Kb / 8P
   AC-DC Three Phase Power Converter
logo
Murata Manufacturing Co...
D2U5T-H3-7000-54-HU4C MURATA-D2U5T-H3-7000-54-HU4C Datasheet
379Kb / 8P
   AC-DC Three Phase Power Converter
logo
Green Power Solutions s...
GOG91K14 GPSEMI-GOG91K14_17 Datasheet
149Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94024 GPSEMI-GOG94024_17 Datasheet
166Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94034 GPSEMI-GOG94034_17 Datasheet
239Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG95027 GPSEMI-GOG95027_17 Datasheet
169Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94020 GPSEMI-GOG94020 Datasheet
183Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K14 GPSEMI-GOG91K14 Datasheet
378Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG96017 GPSEMI-GOG96017 Datasheet
241Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94027 GPSEMI-GOG94027 Datasheet
252Kb / 3P
   THREE PHASE AC-DC BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com