Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAN-63 Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # ACAN-63
Description  AC-DC Three Phase Power Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACAN-63 Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  ACAN-63 Datasheet HTML 1Page - Murata Power Solutions Inc. ACAN-63 Datasheet HTML 2Page - Murata Power Solutions Inc. ACAN-63 Datasheet HTML 3Page - Murata Power Solutions Inc. ACAN-63 Datasheet HTML 4Page - Murata Power Solutions Inc. ACAN-63 Datasheet HTML 5Page - Murata Power Solutions Inc. ACAN-63 Datasheet HTML 6Page - Murata Power Solutions Inc. ACAN-63 Datasheet HTML 7Page - Murata Power Solutions Inc. ACAN-63 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
D2U5T-H3-5000-380-HU3C
AC-DC Three Phase Power Converter
D2U5T-H3-5000-380-HU3C.A02 Page 7 of 8
www.murata-ps.com/support
OUTPUT CONNECTOR & SIGNAL PIN ASSIGNMENT
Connector: FCI Power Blade Part # 51915-424
Power Blade Number
Signal
Function
Signal Direction
P13
-VOUT_PRE-CHARGE
Hot Swap Pre Charge
Output
P12
-VOUT
380Vdc Return
Output
P11
+VOUT_PRE-CHARGE
Hot Swap Pre Charge
Output
P10
+VOUT
380Vdc
Output
P9
Not fitted
-
-
P8
Not fitted
-
-
P7
AC1
AC Line Voltage Ph 1
Input
P6
Not fitted
-
-
P5
AC2
AC Line Voltage Ph 2
Input
P4
Not fitted
-
-
P3
AC3
AC Line Voltage Ph 3
Input
P2
Not fitted
-
-
P1
GND
Safety Ground
Input
Signal Pin Number
Signal
Function
Signal Direction
A1
A1
I2C Address Bit 1 Signal
Input
A2
PS_FAULT_L
PSU Fault Status
Output
A3
A0
I2C Address Bit 0 Signal
Input
A4
PS_PRESENT
PSU Seated into Connector
Output
A5
SCL
I2C Clock Signal
Bi-Directional
A6
SGND
Signal ground (return)
Output
B1
A2
I2C Address Bit 2 Signal
Input
B2
PS_ON_H
Enable PSU
Input
B3
+VSB
+3.3V/5V STBY Out
Output
B4
SDA
I2C Data Signal
Bi-Directional
B5
PS_KILL
Enable PSU
Shortest pin of the connector
Input
B6
VSB_RTN
VSTBY_RTN
Output
C1
STBY_SEL_IN
Selects +3V3 or +5VSTBY
Input
C2
AC_OK_H
AC(DC) OK Status
Output
C3
+VSB
+3.3V/5V STBY Out
Output
C4
+VSB
+3.3V/5V STBY Out
Output
C5
VSB_RTN
VSTBY_RTN
Output
C6
VSB_RTN
VSTBY_RTN
Output
D1
SMB_ALERT_L
SMB Alert signal output
Output
D2
PWR_GOOD_H
Power OK Status
Output
D3
+VSB
+3.3V/5V STBY Out
Output
D4
+VSB
+3.3V/5V STBY Out
Output
D5
VSB_RTN
VSTBY_RTN
Output
D6
VSB_RTN
VSTBY_RTN
Output
MATING CONNECTOR
Supplier
Press Fit, Straight
Press Fit, Right Angle
Solder Straight
Solder Right Angle
FCI
51938-826LF


Similar Part No. - ACAN-63

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACAN-60 MURATA-PS-ACAN-60 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
ACAN-64 MURATA-PS-ACAN-64 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
More results

Similar Description - ACAN-63

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D2U5T MURATA-PS-D2U5T Datasheet
379Kb / 8P
   AC-DC Three Phase Power Converter
logo
Murata Manufacturing Co...
D2U5T-H3-7000-54-HU4C MURATA-D2U5T-H3-7000-54-HU4C Datasheet
379Kb / 8P
   AC-DC Three Phase Power Converter
logo
Green Power Solutions s...
GOG91K14 GPSEMI-GOG91K14_17 Datasheet
149Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94024 GPSEMI-GOG94024_17 Datasheet
166Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94034 GPSEMI-GOG94034_17 Datasheet
239Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG95027 GPSEMI-GOG95027_17 Datasheet
169Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94020 GPSEMI-GOG94020 Datasheet
183Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K14 GPSEMI-GOG91K14 Datasheet
378Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG96017 GPSEMI-GOG96017 Datasheet
241Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94027 GPSEMI-GOG94027 Datasheet
252Kb / 3P
   THREE PHASE AC-DC BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com