Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM32ER72A105KA01L Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # GRM32ER72A105KA01L
Description  500W Digital Fully Regulated Intermediate DC-DC Bus Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

GRM32ER72A105KA01L Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  GRM32ER72A105KA01L Datasheet HTML 1Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 2Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 3Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 4Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 5Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 6Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 7Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 8Page - Murata Power Solutions Inc. GRM32ER72A105KA01L Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
The DRQ 500W series provides a fully regulated,
digitally controlled DC output in a ¼-brick format
that will support the evolving Advanced Bus Con-
verter (ABC) industry standard footprint for isolated
board mounted power modules. The DRQ series
supports advances in power conversion technology
including a digital interface supporting the PMBus
protocol for communications to power modules.
The DRQ series offers high output current (up to
43.5 Amps) in an industry standard “quarter brick”
package. The DRQ series is an isolated, regulated,
500W-11.5Vout quarter brick that supports the
TNV input voltage range of 38V-75V with a typical
efficiency of 95.5%.
Advanced automated surface mount assembly
and planar magnetics deliver galvanic isolation
rated at 2250 Vdc for functional insulation. Target
markets include networking equipment, Power over
Ethernet applications, wireless networking equip-
ment, telecommunications equipment, wireless
pre-amplifiers, industrial and test equipment, and
applications requiring a regulated 11.5V output.
A wealth of self-protection features include input
undervoltage lockout and overtemperature shut-
down; over current protection using the “hiccup”
autorestart technique provides indefinite short-
circuit protection, along with output OVP. The DRQ
series is certified to safety standards UL/IEC/CSA
60950-1, 2nd edition. It meets RFI/EMI conducted
emission compliance to EN55022, CISPR22 with an
external filter.
PRODUCT OVERVIEW
APPLICATIONS
Embedded systems, datacom and telecom
installations, wireless base stations
Disk farms, data centers and cellular repeater sites
Remote sensor systems, dedicated controllers
Instrumentation systems, R&D platforms, auto-
mated test fixtures
Data concentrators, voice forwarding and
speech processing systems
FEATURES
Fixed DC outputs, 11.5V @43.5A
Advanced Bus Converter industry standard
quarter-brick with digital PMBus™ interface
Optional five pin version (DOSA compatible
pinouts)
38 to 75 Volt DC input range (48 VDC nominal)
Remote ON/Off enable control
High efficiency (95.5%)
Stable no-load operation
Monotonic startup into pre-bias output condition
Certified to UL 60950-1, CSA-C22.2 No. 60950-
1, 2nd edition safety approvals
Extensive self-protection, OVP, input undervolt-
age, current limiting and thermal shutdown
F1
External
DC
Power
Source
Reference and
Error Amplifier
-Vout (4)
+Vout (8)
On/Off
Control
(2)
-Vin (3)
Open = On
+Vin (1)
logic)
Controller
and Power
Barrier
Figure 1. Connection Diagram (without digital interface)
Typical topology is shown. Murata Power Solutions recommends an external fuse.
DRQ-12/42-D48 Series
500W Digital Fully Regulated
Intermediate DC-DC Bus Converter
MDC_DRQ-12/42-D48.A03 Page 1 of 24
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
Typical unit
Typic
v
b
s
i
p
4
p


Similar Part No. - GRM32ER72A105KA01L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM32ER72A105KA01L MURATA1-GRM32ER72A105KA01L Datasheet
780Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
NXP Semiconductors
GRM32ER72A105KA01L NXP-GRM32ER72A105KA01L Datasheet
1Mb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 4, 10/2011
GRM32ER72A105KA01L NXP-GRM32ER72A105KA01L Datasheet
761Kb / 18P
   1800–2200 MHz, 32 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 01/2022
More results

Similar Description - GRM32ER72A105KA01L

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DRQ-12-50-L48 MURATA-PS-DRQ-12-50-L48 Datasheet
819Kb / 26P
   600W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Murata Manufacturing Co...
DBQ0135V2 MURATA1-DBQ0135V2 Datasheet
4Mb / 37P
   420W Digital Fully Regulated Intermediate DC-DC Bus Converter
2021
DBE MURATA1-DBE Datasheet
1Mb / 34P
   Up to 300W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Enpirion, Inc.
EC2630QI ENPIRION-EC2630QI Datasheet
107Kb / 2P
   12V DC-DC Intermediate Voltage Bus Converter, 27W and 4A
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
logo
GAPTEC Electronic GmbH ...
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
SD500 ASTRODYNE-SD500_16 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com