Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9168A-17CBR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RT9168A-17CBR
Description  200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9168A-17CBR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RT9168A-17CBR Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9168A-17CBR Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9168A-17CBR Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9168A-17CBR Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9168A-17CBR Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9168A-17CBR Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9168A-17CBR Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9168A-17CBR Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9168A-17CBR Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT9168/A
www.richtek-ic.com.tw
DS9168/A-03 May 2001
6
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
50
1
-50
60
40
20
0
-20
Load Transient Response
Time (50
µS/Div)
COUT = 4.7
µF
CIN = 10
µF
VOUT = 3.0V
VIN = 4V
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
50
1
-50
60
40
20
0
-20
Load Transient Response
Time (50
µS/Div)
COUT = 1
µF
CIN = 10
µF
VOUT = 3.0V
VIN = 4V
T
T
T
1↓
1↓
1↓
1↓
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
5
4
150
100
50
0
-50
Line Transient Response
Time (1mS/Div)
COUT = 1
µF
VOUT = 3.0V
Loading = 1mA
T
T
T
1↓
1↓
1↓
1↓
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
5
4
150
100
50
0
-50
Line Transient Response
Time (500
µS/Div)
COUT = 4.7
µF
VOUT = 3.0V
Loading = 1mA
T
T
T
1↓
1↓
1↓
1↓
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
5
4
150
100
50
0
-50
Line Transient Response
Time (1mS/Div)
COUT = 1
µF
VOUT = 3.0V
Loading = 50mA
T
T
T
1↓
1↓
1↓
1↓
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
5
4
60
40
20
0
-20
Line Transient Response
Time (500
µS/Div)
COUT = 4.7
µF
VOUT = 3.0V
Loading = 50mA


Similar Part No. - RT9168A-17CBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168A RICHTEK-RT9168A Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GBR RICHTEK-RT9168A15GBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GS RICHTEK-RT9168A15GS Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GSH RICHTEK-RT9168A15GSH Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15PBR RICHTEK-RT9168A15PBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9168A-17CBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com