Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEA1D0509SC Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # MEA1D0509SC
Description  1kVDC Isolated 1W Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEA1D0509SC Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  MEA1D0509SC Datasheet HTML 1Page - Murata Power Solutions Inc. MEA1D0509SC Datasheet HTML 2Page - Murata Power Solutions Inc. MEA1D0509SC Datasheet HTML 3Page - Murata Power Solutions Inc. MEA1D0509SC Datasheet HTML 4Page - Murata Power Solutions Inc. MEA1D0509SC Datasheet HTML 5Page - Murata Power Solutions Inc. MEA1D0509SC Datasheet HTML 6Page - Murata Power Solutions Inc. MEA1D0509SC Datasheet HTML 7Page - Murata Power Solutions Inc. MEA1D0509SC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MEA1 Series
1kVDC Isolated 1W Dual Output DC/DC Converters
KDC_MEA1.C06 Page 7 of 8
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS - 14 PIN DIP
Pin
Function
1-VIN
7NC
8OV
9+VOUT
11
-VOUT
14
+VIN
PIN CONNECTIONS - 7 PIN SIP
Pin
Function
1+VIN
2-VIN
4-VOUT
5OV
6+VOUT
0.394
(10.00)
Max.
0.276
(7.0)
Max.
0.022 (0.55)
0.018 (0.45)
0.092 (2.33)
0.076 (1.93)
0.181 (4.60)
0.142 (3.60)
0.776 (19.70) Max.
MEA1D0505DC
XYYWW
0.6 (15.24)
0.3 (7.62)
0.0118 (0.30)
0.0079 (0.20)
0.043
(1.09)
0.1 (2.54)
1
7
14
11
9
8
DIP package
SIP package
0.774
(19.65)
0.242
(6.15)
Max.
0.4
(10.15)
0.181 (4.60)
0.141 (3.60)
0.0118 (0.30)
0.0079 (0.20)
0.5 (12.70)
0.057 (1.45)
0.039 (1.00)
0.0607 (1.5438)
0.099 (2.5162)
0.0016
(0.40)
Min.
0.1 (2.54)
0.022 (0.55)
0.0178 (0.45)
12
4
5
6
MEA1D0505SC
XYYWW
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
48V input variants 0.301 (7.65)
Weight: 2.5g (DIP) 2.3g (SIP)
48V input: 2.8g


Similar Part No. - MEA1D0509SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEA1D0509SC MURATA-MEA1D0509SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D0509SC MURATA-MEA1D0509SC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEA1D0509SC MURATA-PS-MEA1D0509SC Datasheet
300Kb / 10P
   1kVDC Isolated 1W Dual Output DC-DC Converters
2023
More results

Similar Description - MEA1D0509SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
   1kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
387Kb / 4P
   1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com