Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1025FA2-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 1025FA2-R
Description  Brick??Fuses 1025FA Series, Fast-Acting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1025FA2-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  1025FA2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 1025FA2-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Packaging Code
Packaging Code Prefix
Description
TR2
2,500 fuses on 24mm tape-and-reel on 13 inch (330mm) reel per EIA Standard 481
Time Current Curve
© 2008 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
0308
BU-SB08026
Page 2 of 2
Data Sheet 4322
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support
systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in
significant injury to the user.
North America
Cooper Electronic Technologies
1225 Broken Sound Parkway NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-636-527-1607
Europe
Cooper Electronic Technologies
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Cooper Electronic Technologies
Avda. Santa Eulalia, 290
08223
Terrassa, (Barcelona), Spain
Tel: +34 937 362 812
+34 937 362 813
Fax: +34 937 362 719
Asia Pacific
Cooper Electronic Technologies
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160


Similar Part No. - 1025FA2-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
1025FA2-R EATON-1025FA2-R Datasheet
515Kb / 2P
   Fast-acting surface mount fuse
More results

Similar Description - 1025FA2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CB61F2A COOPER-CB61F2A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses
CB61F4A-TR1 COOPER-CB61F4A-TR1 Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses CB61F Series
CB61F10A-TR1 COOPER-CB61F10A-TR1 Datasheet
387Kb / 3P
   Fast-Acting SMD Brick Fuses CB61F Series
logo
Eaton All Rights Reserv...
CB61F EATON-CB61F Datasheet
600Kb / 3P
   Fast-acting surface mount Brick??fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
   Fast Acting SMD Fuses
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
   Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
   Subminiature fast-acting fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com