Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINT1275A1514K01 Datasheet(PDF) 3 Page - SL Power Electronics

Part # MINT1275A1514K01
Description  275W Single Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1275A1514K01 Datasheet(HTML) 3 Page - SL Power Electronics

  MINT1275A1514K01 Datasheet HTML 1Page - SL Power Electronics MINT1275A1514K01 Datasheet HTML 2Page - SL Power Electronics MINT1275A1514K01 Datasheet HTML 3Page - SL Power Electronics MINT1275A1514K01 Datasheet HTML 4Page - SL Power Electronics MINT1275A1514K01 Datasheet HTML 5Page - SL Power Electronics MINT1275A1514K01 Datasheet HTML 6Page - SL Power Electronics MINT1275A1514K01 Datasheet HTML 7Page - SL Power Electronics MINT1275A1514K01 Datasheet HTML 8Page - SL Power Electronics MINT1275A1514K01 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MINT1275
275W Single Output
Medical Series
www.slpower.com
MINT1275 REV 1.6, 22-Jan-14
3
EMI/EMC Compliance
Conducted Emissions
EN55011/22 Class B, FCC Part 15, Subpart B, Class B
Radiated Emissions
EN55011/22 Class A; FCC Part 15, Subpart A, Class A w/6db margin
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, 0% Vin, 0.5cycle; 40% Vin, 5 cycles; 70% Vin, 25 cycles
Line Harmonic Emissions
EN61000-3-2, Class A, B, C, & D
Flicker Test
EN61000-3-3, Complies (dmax<6%)
Mechanical Drawing
Notes:
1. All dimensions in inches (mm), tolerance is +/-0.02”.
2. Mounting holes should be grounded for EMI purposes.
3. FG is safety ground connection.
4. The power supply requires mounting on metal standoffs 0.20” (5mm) in height, min.
Connector Information
Input Connector
Ground
DC Output
Connector
Fan Output
Connector
Signal Connector
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
0.250” FASTON TAB
Term. 1: +Vout
Term. 2: -Vout
PIN 1) +12Vfan RTN
PIN 2) +12V fan
PIN 1) Remote Sense (+)
Pin 6) Common
PIN 2) Common
Pin 7) Power Good
PIN 3) Remote Sense (-)
Pin 8) +5Vsb
PIN 4) Current Share
Pin 9) DC OK
PIN 5) Inhibit
Pin 10) +5Vsb RTN
Mating Connector:
Molex 09-50-3031
Pins= 08-52-0072
Mating Connector:
Molex 01-90020001
Mating Connector:
Molex 19141-
0058/0063/0083
Mating Connector:
Molex 22-01-3027
Pins: 08-50-0114
Mating Connector:
Molex 90142-0010
Pins: 90119-2109 or 2120


Similar Part No. - MINT1275A1514K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275A1514K01 SLPOWER-MINT1275A1514K01 Datasheet
1Mb / 9P
   275W Single Output Medical Series
More results

Similar Description - MINT1275A1514K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275 SLPOWER-MINT1275 Datasheet
1Mb / 9P
   275W Single Output Medical Series
CINT1275 SLPOWER-CINT1275_14 Datasheet
2Mb / 9P
   Up to 275W of AC-DC Power
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com