Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB60 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GB60
Description  60W Single Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GB60 Datasheet(HTML) 2 Page - SL Power Electronics

  GB60 Datasheet HTML 1Page - SL Power Electronics GB60 Datasheet HTML 2Page - SL Power Electronics GB60 Datasheet HTML 3Page - SL Power Electronics GB60 Datasheet HTML 4Page - SL Power Electronics GB60 Datasheet HTML 5Page - SL Power Electronics GB60 Datasheet HTML 6Page - SL Power Electronics GB60 Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GB60S
60W Single Output
General Purpose
www.slpower.com
GB60S 18-DEC-14
2
General Specifications (continued)
Earth Leakage
Current
<1mA@240Vac, NC
Short Circuit
Protection
Hiccup Mode
Power Factor
Not Applicable
Overtemperature
Protection
Self-recovering
Efficiency
88% typical (83% for 12V& 85% for 15V)
Safety Standards
CSA/EN/IEC/UL60950-1, 2
nd Edition. See below
for detailed standards information.
Output Power
60W continuous (55W for 12V models)
Isolation
Input-Output:
4000Vac
Input-Ground:
1800Vac
Output-Ground: 500Vac
Peak Output
Power
Not Applicable
Operating
Temperature
-40C start up. -20C to 80C with derating
specified in Fig.1
Ripple and Noise
See chart above
Output Power
Derating
See Fig.1 on page 4
Output Voltage
See chart
Storage
Temperature
-40°C to +85°C
Voltage
Adjustability
Fixed
Relative Humidity
5% to 95%, non-condensing
Minimum Load
Not required
Altitude
Operating: 3000 meters
Non-operating: 40,000 ft.
Total Regulation
+/- 2%. See chart
MTBF
Over 600,000 hours per Telcordia
Transient
Response
500µS max. to 1%, 50% load step. 0.2A/µS,
3.5% deviation typical
Vibration
Random Vibration per MIL-STD-810E, Method
514.4, Cat. 1, Figure 514.4.1, 1 hour in each of 3
axes.
Switching
Frequency
65kHz, typical
Shock
Half-sine, 40 gpk, 10 mS duration, +/- in each of
3 axes, 6 shocks total
Dimensions
2.0” x 3.0” x 1.0”
50.8 x 76.2 x 25.4mm
Weight
126g
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. Mounting holes should be connected together for EMI purpose
4. FG is safety ground connection
5. Specifications are for convection rating at factory settings with 115Vac input and 25°C ambient unless otherwise stated.
6. This power supply requires mounting on metal standoffs 0.20” (5mm) in height.


Similar Part No. - GB60

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GB60-28 TDK-GB60-28 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB60-85-3P208 TDK-GB60-85-3P208 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB60-85-3P400 TDK-GB60-85-3P400 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB60-85-3P480 TDK-GB60-85-3P480 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB600-2.8 TDK-GB600-2.8 Datasheet
88Kb / 2P
   Programmable Power Supplies
More results

Similar Description - GB60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
logo
Mean Well Enterprises C...
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
   60W Single Output Medical Type
logo
SL Power Electronics
TE60 SLPOWER-TE60_16 Datasheet
828Kb / 6P
   60W Single Output External Power
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
logo
SL Power Electronics
MB60S SLPOWER-MB60S Datasheet
2Mb / 9P
   60W Single Output Medical Series
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60 SLPOWER-ME60_16 Datasheet
633Kb / 4P
   60W Single Output External Power
TE60 SLPOWER-TE60 Datasheet
761Kb / 4P
   60W Single Output External Power
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com