Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINT1275A4814K01 Datasheet(PDF) 8 Page - SL Power Electronics

Part # MINT1275A4814K01
Description  275W Single Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1275A4814K01 Datasheet(HTML) 8 Page - SL Power Electronics

  MINT1275A4814K01 Datasheet HTML 1Page - SL Power Electronics MINT1275A4814K01 Datasheet HTML 2Page - SL Power Electronics MINT1275A4814K01 Datasheet HTML 3Page - SL Power Electronics MINT1275A4814K01 Datasheet HTML 4Page - SL Power Electronics MINT1275A4814K01 Datasheet HTML 5Page - SL Power Electronics MINT1275A4814K01 Datasheet HTML 6Page - SL Power Electronics MINT1275A4814K01 Datasheet HTML 7Page - SL Power Electronics MINT1275A4814K01 Datasheet HTML 8Page - SL Power Electronics MINT1275A4814K01 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MINT1275
275W Single Output
Medical Series
www.slpower.com
MINT1275 REV 1.6, 22-Jan-14
8
Ripple & Noise
To verify that the output ripple and noise does not exceed the level specified in the product specification. Measured using a scope probe socket with
0.1µF ceramic and a 10µF electrolytic capacitor connected in parallel across it, BW limit with 20MHz.
12V OUT, NO LOAD, 115VAC, 60HZ
12V OUT, FULL LOAD, 115VAC, 60HZ
12V OUT, NO LOAD, 230VAC, 60HZ
12V OUT, FULL LOAD, 230VAC, 60HZ
Output Transient Response
50% load step within the regulation limits of minimum and maximum load, dI/dt< 0.2A/µSec. Recovery time not specified as there is no laps in regulation
with a 50% Load Step. Maximum voltage deviation is 3%.
12V OUT, 115VAC, 25% TO 75% LOAD STEP
12V OUT, 230VAC, 25% TO 75% LOAD STEP


Similar Part No. - MINT1275A4814K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275A4814K01 SLPOWER-MINT1275A4814K01 Datasheet
1Mb / 9P
   275W Single Output Medical Series
More results

Similar Description - MINT1275A4814K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275 SLPOWER-MINT1275 Datasheet
1Mb / 9P
   275W Single Output Medical Series
CINT1275 SLPOWER-CINT1275_14 Datasheet
2Mb / 9P
   Up to 275W of AC-DC Power
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com