Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEA1D1515DC Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # MEA1D1515DC
Description  1kVDC Isolated 1W Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEA1D1515DC Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  MEA1D1515DC Datasheet HTML 1Page - Murata Power Solutions Inc. MEA1D1515DC Datasheet HTML 2Page - Murata Power Solutions Inc. MEA1D1515DC Datasheet HTML 3Page - Murata Power Solutions Inc. MEA1D1515DC Datasheet HTML 4Page - Murata Power Solutions Inc. MEA1D1515DC Datasheet HTML 5Page - Murata Power Solutions Inc. MEA1D1515DC Datasheet HTML 6Page - Murata Power Solutions Inc. MEA1D1515DC Datasheet HTML 7Page - Murata Power Solutions Inc. MEA1D1515DC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MEA1 Series
1kVDC Isolated 1W Dual Output DC/DC Converters
KDC_MEA1.C06 Page 6 of 8
www.murata-ps.com/support
EFFICIENCY VS LOAD
MEA 5V Input Voltage
MEA 12V Input Voltage
MEA 15V Input Voltage
MEA 24V Input Voltage
MEA 48V Input Voltage
0
10
20
30
40
50
60
70
80
90
0
10203040
5060708090
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
10203040
5060708090
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
10
203040
50607080
90
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
10
203040
50607080
90
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
102030405060708090
100
Load (%)
5V
9V
12V
15V


Similar Part No. - MEA1D1515DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEA1D1515DC MURATA-MEA1D1515DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
More results

Similar Description - MEA1D1515DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
   1kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
387Kb / 4P
   1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com