Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS6S2405C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # NDS6S2405C
Description  Isolated 6W Wide Input Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NDS6S2405C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  NDS6S2405C Datasheet HTML 1Page - Murata Power Solutions Inc. NDS6S2405C Datasheet HTML 2Page - Murata Power Solutions Inc. NDS6S2405C Datasheet HTML 3Page - Murata Power Solutions Inc. NDS6S2405C Datasheet HTML 4Page - Murata Power Solutions Inc. NDS6S2405C Datasheet HTML 5Page - Murata Power Solutions Inc. NDS6S2405C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NDS6 Series
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
KDC_NDS6.E01 Page 4 of 6
www.murata-ps.com/support
TEMPERATURE DERATING
NDS6D2405C
NDS6D2412C
NDS6D2415C
NDS6S2405C
NDS6S2412C
NDS6S2415C
Ambient Temperature (ºC)
0
1
2
3
4
5
6
7
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
600 lfm
500 lfm
400 lfm
300 lfm
200 lfm
100 lfm
still air
Ambient Temperature (ºC)
0
1
2
3
4
5
6
7
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
600 lfm
500 lfm
400 lfm
300 lfm
200 lfm
still air
100 lfm
Ambient Temperature (ºC)
0
1
2
3
4
5
6
7
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
600 lfm
500 lfm
400 lfm
300 lfm
still air
200 lfm
100 lfm
0
1
2
3
4
5
6
7
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Ambient Temperature (ºC)
still air
600 lfm
500 lfm
400 lfm
300 lfm
200 lfm
100 lfm
0
1
2
3
4
5
6
7
-40
-30
-20
-10
0
102030
405060
7080
Ambient Temperature (ºC)
still air
600 lfm
500 lfm
400 lfm
300 lfm
200 lfm
100 lfm
0
1
2
3
4
5
6
7
-40 -30 -20 -10
0
1020304050607080
Ambient Temperature (ºC)
still air
600 lfm
500 lfm 400 lfm 300 lfm
100 lfm
200 lfm


Similar Part No. - NDS6S2405C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NDS6S2405C MURATA-PS-NDS6S2405C Datasheet
209Kb / 9P
   Isolated 6W Wide Input Single & Dual Output DC-DC Converters
2022
More results

Similar Description - NDS6S2405C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Murata Manufacturing Co...
NDXS0512C MURATA-NDXS0512C Datasheet
257Kb / 6P
   Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Superworld Electronics
SW6R24S03WF SUPERWORLD-SW6R24S03WF Datasheet
197Kb / 2P
   6W Wide Input Single & Dual Output DC-DC Converter
logo
MORNSUN Science& Techno...
URA1D05YMD-6WR3 MORNSUN-URA1D05YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com