Electronic Components Datasheet Search |
|
MEV1S2412SC Datasheet(PDF) 3 Page - Murata Power Solutions Inc. |
|
MEV1S2412SC Datasheet(HTML) 3 Page - Murata Power Solutions Inc. |
3 / 10 page MEV1 Series 3kVDC Isolated 1W Single & Dual Output DC/DC Converters KDC_MEV1.F05 Page 3 of 10 www.murata-ps.com/support INPUT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Voltage range Continuous operation, 5V input types 4.5 5 5.5 V Continuous operation, 12V input types 10.8 12 13.2 Continuous operation, 15V input types 13.5 15 16.5 Continuous operation, 24V input types 21.6 24 26.4 Continuous operation, 48V input types 43.2 48 52.8 Reflected ripple current 5V input types 11 20 mA p-p 12V input types 5 15 15V input types 3.5 10 24V input types 4.7 15 48V input types 22 50 OUTPUT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Rated Power TA=-40 °C to 85°C 1W Voltage Set Point Accuracy See tolerance envelope Line regulation High VIN to low VIN 1.05 1.1 %/% ISOLATION CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Isolation test voltage Flash tested for 1 minute 3000 VDC Resistance Viso= 1000VDC 10 GΩ GENERAL CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Switching frequency - single output types 5V input types 60 kHz 12V input types & MEV1Sx1515xC 75 24V input types & MEV1Sx1505SxC, MEV1Sx1509SxC, MEV1Sx1512SxC 85 48V input types 65 Switching frequency - dual output types MEV1D4812xC, MEV1D4815xC 55 MEV1D05xxC, MEV1D1212xC, MEV1D1515xC, MEV1D4805xC, MEV1D4809xC 60 MEV1D1205xC, MEV1D2412xC 75 MEV1D1209xC, MEV1D1215xC, MEV1D1505xC, MEV1D1512xC, MEV1D2405xC, MEV1D2415xC 80 MEV1D1509xC, MEV1D2409xC 90 TEMPERATURE CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Specification All output types -40 85 °C Storage -50 125 Case Temperature above ambient 24V & 48V input types 20 All other types 15 Cooling Free air convection ABSOLUTE MAXIMUM RATINGS Lead temperature 1.5mm from case for 10 seconds 300°C Input voltage VIN, MEV05 types 7V Input voltage VIN, MEV12 types 15V Input voltage Vin, MEV15 types 18V Input voltage Vin, MEV24 types 28V Input voltage Vin, MEV48 types 54V |
Similar Part No. - MEV1S2412SC |
|
Similar Description - MEV1S2412SC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |