Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEA1D1212xC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # MEA1D1212xC
Description  1kVDC Isolated 1W Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEA1D1212xC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  MEA1D1212xC Datasheet HTML 1Page - Murata Power Solutions Inc. MEA1D1212xC Datasheet HTML 2Page - Murata Power Solutions Inc. MEA1D1212xC Datasheet HTML 3Page - Murata Power Solutions Inc. MEA1D1212xC Datasheet HTML 4Page - Murata Power Solutions Inc. MEA1D1212xC Datasheet HTML 5Page - Murata Power Solutions Inc. MEA1D1212xC Datasheet HTML 6Page - Murata Power Solutions Inc. MEA1D1212xC Datasheet HTML 7Page - Murata Power Solutions Inc. MEA1D1212xC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MEA1 Series
1kVDC Isolated 1W Dual Output DC/DC Converters
KDC_MEA1.C06 Page 5 of 8
www.murata-ps.com/support
APPLICATION NOTES (continued)
Output Ripple Reduction
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component selection
Capacitor: It is required that the ESR (Equivalent Series Resistance) should be as low as possible, ceramic types are recommended.
The voltage rating should be at least twice (except for 15V output), the rated output voltage of the DC/DC converter.
Inductor: The rated current of the inductor should not be less than that of the output of the DC/DC converter. At the rated current, the DC resistance of the inductor
should be such that the voltage drop across the inductor is <2% of the rated voltage of the DC/DC converter. The SRF (Self Resonant Frequency) should be
>20MHz.
Inductor
Capacitor
L, μH
SMD
Through Hole
C, μF
MEA1D0505xC
10
82103C
11R103C
4.7
MEA1D0509xC
22
82223C
11R223C
2.2
MEA1D0512xC
47
82473C
11R473C
1
MEA1D0515xC
47
82473C
11R473C
1
MEA1D1205xC
10
82103C
11R103C
4.7
MEA1D1209xC
22
82223C
11R223C
2.2
MEA1D1212xC
47
82473C
11R473C
1
MEA1D1215xC
47
82473C
11R473C
1
MEA1D1505xC
10
82103C
11R103C
4.7
MEA1D1509xC
22
82223C
11R223C
2.2
MEA1D1512xC
47
82473C
11R473C
1
MEA1D1515xC
47
82473C
11R473C
1
MEA1D2405xC
10
82103C
11R103C
4.7
MEA1D2409xC
22
82223C
11R223C
2.2
MEA1D2412xC
47
82473C
11R473C
1
MEA1D2415xC
47
82473C
11R473C
1
MEA1D4805xC
10
82103C
11R103C
4.7
MEA1D4809xC
22
82223C
11R223C
2.2
MEA1D4812xC
47
82473C
11R473C
1
MEA1D4815xC
47
82473C
11R473C
1
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of
260°C for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped
over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in
this series are backward compatible with Sn/Pb soldering systems.
For further information, please visit www.murata-ps.com/rohs
DC
DC
L
L
C
C
Load
Load
Power
Source
+VOUT
OV
-VOUT


Similar Part No. - MEA1D1212xC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEA1D1212DC MURATA-MEA1D1212DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEA1D1212DC MURATA-PS-MEA1D1212DC Datasheet
300Kb / 10P
   1kVDC Isolated 1W Dual Output DC-DC Converters
2023
logo
Murata Manufacturing Co...
MEA1D1212SC MURATA-MEA1D1212SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D1212SC MURATA-MEA1D1212SC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEA1D1212SC MURATA-PS-MEA1D1212SC Datasheet
300Kb / 10P
   1kVDC Isolated 1W Dual Output DC-DC Converters
2023
More results

Similar Description - MEA1D1212xC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
   1kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
387Kb / 4P
   1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com