Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C1850 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S3C1850
Description  4-bit single-chip CMOS microcontroller
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C1850 Datasheet(HTML) 5 Page - Samsung semiconductor

  S3C1850 Datasheet HTML 1Page - Samsung semiconductor S3C1850 Datasheet HTML 2Page - Samsung semiconductor S3C1850 Datasheet HTML 3Page - Samsung semiconductor S3C1850 Datasheet HTML 4Page - Samsung semiconductor S3C1850 Datasheet HTML 5Page - Samsung semiconductor S3C1850 Datasheet HTML 6Page - Samsung semiconductor S3C1850 Datasheet HTML 7Page - Samsung semiconductor S3C1850 Datasheet HTML 8Page - Samsung semiconductor S3C1850 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
S3C1840
1-4
PIN CONFIGURATION (20 DIP, 20 SOP)
VSS
XI
XO
P0.0
P0.1
P0.2
P0.3
P1.0
P1.1
P3.3
S3C1840
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
P2.0/REM
TEST
P2.1
P2.2
P2.3
P2.4
P3.0
P3.1
P3.2
Figure 1-3. Pin Configuration (20 DIP, 20 SOP)
Table 1-2. Pin Description for 20 Pins
Pin
Name
Pin
Number
Pin
Type
Description
I/O Circuit
Type
P0.0-P0.3
4, 5, 6, 7
Input
4-bit input port when P2.13 is low
A
P1.0-P1.1
8, 9
Input
2-bit input port when P2.13 is high
A
P2.0/REM
19
Output
1-bit individual output for remote carrier
frequency (1)
B
P2.2-P2.4
16, 15, 14
Output
1-bit individual output port
C
P2.1
17
D
P3.0-P3.3
13, 12, 11, 10
Output
4-bit parallel output port
C
TEST
18
Input
Input pin for test (Normally connected to V
SS)
X
I
2
Input
Oscillation clock input
X
O
3
Output
Oscillation clock output
V
DD
20
Power supply
V
SS
1
Ground
NOTES:
1.
The carrier can be selected by software as fxx/12 (1/3 duty), fxx/12 (1/4 duty), fxx/8 (1/2 duty), or no-carrier
frequency.
2
Package type can be selected as 20 DIP, or 20 SOP in the ordering sheet.


Similar Part No. - S3C1850

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
S3C DIOTECH-S3C Datasheet
716Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Galaxy Semi-Conductor H...
S3C BILIN-S3C Datasheet
216Kb / 3P
   SURFACEMOUNTRECTIFIERS
logo
Weidmuller
S3C2.5 WEIDMULLER-S3C2.5 Datasheet
386Kb / 21P
   FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
S3C2.5BL WEIDMULLER-S3C2.5BL Datasheet
386Kb / 21P
   FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
S3C2.5PE WEIDMULLER-S3C2.5PE Datasheet
390Kb / 20P
   PE TERMINAL, SNAP IN, 2.5 MM, 80
03.02.2023
More results

Similar Description - S3C1850

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C63657 EPSON-S1C63657 Datasheet
96Kb / 6P
   CMOS 4-bit Single Chip Microcontroller
S1C6F016 EPSON-S1C6F016 Datasheet
121Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63653 EPSON-S1C63653 Datasheet
93Kb / 6P
   CMOS 4-bit Single Chip Microcontroller
logo
OKI electronic componet...
MSM5840 OKI-MSM5840 Datasheet
571Kb / 11P
   CMOS 4-BIT SINGLE CHIP MICROCONTROLLER
logo
Epson Company
S1C63004 EPSON-S1C63004 Datasheet
104Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63003 EPSON-S1C63003 Datasheet
169Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63016 EPSON-S1C63016 Datasheet
119Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
KS51840 SAMSUNG-KS51840 Datasheet
20Kb / 3P
   4-bit single-chip CMOS microcontroller
logo
Epson Company
S1C63008 EPSON-S1C63008 Datasheet
119Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
KS51850 SAMSUNG-KS51850 Datasheet
639Kb / 106P
   4-bit single-chip CMOS microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com