Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEV1D0512DC Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # MEV1D0512DC
Description  3kVDC Isolated 1W Single & Dual Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEV1D0512DC Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button MEV1D0512DC Datasheet HTML 2Page - Murata Power Solutions Inc. MEV1D0512DC Datasheet HTML 3Page - Murata Power Solutions Inc. MEV1D0512DC Datasheet HTML 4Page - Murata Power Solutions Inc. MEV1D0512DC Datasheet HTML 5Page - Murata Power Solutions Inc. MEV1D0512DC Datasheet HTML 6Page - Murata Power Solutions Inc. MEV1D0512DC Datasheet HTML 7Page - Murata Power Solutions Inc. MEV1D0512DC Datasheet HTML 8Page - Murata Power Solutions Inc. MEV1D0512DC Datasheet HTML 9Page - Murata Power Solutions Inc. MEV1D0512DC Datasheet HTML 10Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MEV1 Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_MEV1.F05 Page 9 of 10
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
0.394
(10.00)
Max.
0.276
(7.0)
Max.
0.022 (0.55)
0.018 (0.45)
0.6 (15.24)
0.092 (2.33)
0.076 (1.93)
0.3
(7.62)
0.118 (0.30)
0.0079 (0.20)
0.043
(1.09)
0.181 (4.60)
0.142 (3.60)
1
7
14
10
8
9*
12
5
7
0.774 (19.65) Max.
0.776 (19.70) Max.
0.242
(6.15)
Max.
0.4
(10.15)
Max.
0.181 (4.60)
0.142 (3.60)
0.0118 (0.30)
0.0079 (0.20)
0.6 (15.24)
0.049 (1.25)
0.099 (2.52)
0.061 (1.54)
0.0016
(0.40) Min.
0.1 (2.54)
6*
0.020 (0.50)
MEV1S0505DC
XYYWW
MEV1S0505SC
XYYWW
* Pin not fitted on single output variants.
48V input variants 0.301 (7.65)
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Weight:
2.6g (DIP)
2.8g (SIP - 48V variants)
2.5g (all other SIP)
DIP package
SIP package
PIN CONNECTIONS
Single output variants
14 Pin DIP
7 Pin SIP
Pin
Function
Pin
Function
1-VIN
1+VIN
7NC
2
-VIN
8+VOUT
5-VOUT
10
-VOUT
7+VOUT
14
+VIN
Dual output variants
14 Pin DIP
7 Pin SIP
Pin
Function
Pin
Function
1-VIN
1+VIN
7NC
2
-VIN
8+VOUT
5-VOUT
9OV
6
OV
10
-VOUT
7+VOUT
14
+VIN


Similar Part No. - MEV1D0512DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEV1D0512DC MURATA-MEV1D0512DC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
More results

Similar Description - MEV1D0512DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com