Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP016 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EP016
Description  3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP016 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EP016 Datasheet HTML 1Page - ON Semiconductor MC100EP016 Datasheet HTML 2Page - ON Semiconductor MC100EP016 Datasheet HTML 3Page - ON Semiconductor MC100EP016 Datasheet HTML 4Page - ON Semiconductor MC100EP016 Datasheet HTML 5Page - ON Semiconductor MC100EP016 Datasheet HTML 6Page - ON Semiconductor MC100EP016 Datasheet HTML 7Page - ON Semiconductor MC100EP016 Datasheet HTML 8Page - ON Semiconductor MC100EP016 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2002
September, 2002 – Rev. 10
1
Publication Order Number:
MC10EP016/D
MC10EP016, MC100EP016
3.3V / 5VECL 8-Bit
Synchronous Binary
Up Counter
The MC10/100EP016 is a high–speed synchronous, presettable,
cascadeable 8–bit binary counter. Architecture and operation are the
same as the MC10E016 in the ECLinPS
™ family.
The counter features internal feedback to TC gated by the TCLD
(Terminal Count Load) pin. When TCLD is LOW (or left open, in
which case it is pulled LOW by the internal pulldowns), the TC
feedback is disabled, and counting proceeds continuously, with TC
going LOW to indicate an all–one state. When TCLD is HIGH, the TC
feedback causes the counter to automatically reload upon TC = LOW,
thus functioning as a programmable counter. The Qn outputs do not
need to be terminated for the count function to operate properly. To
minimize noise and power, unused Q outputs should be left
unterminated.
COUT and COUT provide differential outputs from a single,
non–cascaded counter or divider application. COUT and COUT
should not be used in cascade configuration. Only TC should be used
for a counter or divider cascade chain output.
A differential clock input has also been added to improve
performance.
The 100 Series contains temperature compensation.
500 ps Typical Propagation Delay
PECL Mode Operating Range: V
CC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V
with VEE = –3.0 V to –5.5 V
Open Input Default State
Safety Clamp on Inputs
Internal TC Feedback (Gated)
Addition of COUT and COUT
8–Bit
Differential Clock Input
V
BB Output
Fully Synchronous Counting and TC Generation
Asynchronous Master Reset
Device
Package
Shipping
ORDERING INFORMATION
MC10EP016FA
LQFP–32
250 Units/Tray
MC10EP016FAR2
LQFP–32 2000 Tape & Reel
LQFP–32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
MCxxx
AWLYYWW
1
32
xxx = 10 OR 100
A
= Assembly Location
WL = Wafer Lot
YY
= Year
WW = Work Week
*For additional information, see Application Note
AND8002/D
EP016
MC100EP016FA
LQFP–32
250 Units/Tray
MC100EP016FAR2
LQFP–32 2000 Tape & Reel
http://onsemi.com


Similar Part No. - MC100EP016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP016 ONSEMI-MC100EP016 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC100EP016 ONSEMI-MC100EP016 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC100EP016A ONSEMI-MC100EP016A Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC100EP016AFA ONSEMI-MC100EP016AFA Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com