Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3P1860 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S3P1860
Description  4-bit single-chip CMOS microcontroller
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P1860 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S3P1860 Datasheet HTML 3Page - Samsung semiconductor S3P1860 Datasheet HTML 4Page - Samsung semiconductor S3P1860 Datasheet HTML 5Page - Samsung semiconductor S3P1860 Datasheet HTML 6Page - Samsung semiconductor S3P1860 Datasheet HTML 7Page - Samsung semiconductor S3P1860 Datasheet HTML 8Page - Samsung semiconductor S3P1860 Datasheet HTML 9Page - Samsung semiconductor S3P1860 Datasheet HTML 10Page - Samsung semiconductor S3P1860 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
S3C1840
1-6
Table 1-3. Absolute Maximum Ratings
Parameters
Symbols
Ratings
Units
Supply Voltage
V
DD
– 0.3 to 6
V
Input Voltage
V
I
– 0.3 to V
DD + 0.3
V
Output Voltage
V
O
– 0.3 to V
DD + 0.3
V
Soldering Temperature
T
SLD
260 (10 sec)
°C
Storage Temperature
T
STG
– 55 to 125
°C
Table 1-4. DC Characteristics
(V
DD = 3 V, TA = 25 °C)
Parameters
Symbols
Test Conditions
Min
Typ
Max
Units
Supply Voltage
V
DD
250kHz
≤ f
OSC ≤3.9MHz
1.8
3.0
3.6
V
3.9MHz< f
OSC ≤6MHz
2.2
3.0
3.6
Operating Temperature
T
A
– 20
85
°C
High-Level Input Voltage
V
IH1
All input pins except
X
IN
0.7 V
DD
V
DD
V
V
IH2
X
IN
V
DD-0.3
V
DD
V
Low-Level Input Voltage
V
IL1
All input pins except
X
IN
0
0.3 V
DD
V
V
IL2
X
IN
0
0.3
V
High-Level Output Current P2.0
I
OH1
V
O = 2.0 V
– 6.0
– 9
– 14
mA
Low-Level Output Current P2.0
I
OL1
V
O = 0.4 V
1.5
3.0
4.5
mA
Low-Level
P3 Output
I
OL2
V
O = 0.4 V
0.5
1.0
2.0
mA
Output
P2.1-P2.3
1.5
3.0
4.5
Current
P2.4-P2.6
0.5
1.0
2.0


Similar Part No. - S3P1860

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3P-VH ETC2-S3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
logo
Teledyne Technologies I...
S3P44D10 TELEDYNE-S3P44D10 Datasheet
74Kb / 2P
   Three-Phase Output to 10A 440 Vac Cage Clamp Connectors
S3P44R10 TELEDYNE-S3P44R10 Datasheet
74Kb / 2P
   Three-Phase Output to 10A 440 Vac Cage Clamp Connectors
logo
Samsung semiconductor
S3P7048 SAMSUNG-S3P7048 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3P70F4 SAMSUNG-S3P70F4 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
More results

Similar Description - S3P1860

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C63657 EPSON-S1C63657 Datasheet
96Kb / 6P
   CMOS 4-bit Single Chip Microcontroller
S1C6F016 EPSON-S1C6F016 Datasheet
121Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63653 EPSON-S1C63653 Datasheet
93Kb / 6P
   CMOS 4-bit Single Chip Microcontroller
logo
OKI electronic componet...
MSM5840 OKI-MSM5840 Datasheet
571Kb / 11P
   CMOS 4-BIT SINGLE CHIP MICROCONTROLLER
logo
Epson Company
S1C63004 EPSON-S1C63004 Datasheet
104Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63003 EPSON-S1C63003 Datasheet
169Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63016 EPSON-S1C63016 Datasheet
119Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
KS51840 SAMSUNG-KS51840 Datasheet
20Kb / 3P
   4-bit single-chip CMOS microcontroller
logo
Epson Company
S1C63008 EPSON-S1C63008 Datasheet
119Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
KS51850 SAMSUNG-KS51850 Datasheet
639Kb / 106P
   4-bit single-chip CMOS microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com