Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEV1D1509DC Datasheet(PDF) 10 Page - Murata Power Solutions Inc.

Part # MEV1D1509DC
Description  3kVDC Isolated 1W Single & Dual Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEV1D1509DC Datasheet(HTML) 10 Page - Murata Power Solutions Inc.

Back Button MEV1D1509DC Datasheet HTML 2Page - Murata Power Solutions Inc. MEV1D1509DC Datasheet HTML 3Page - Murata Power Solutions Inc. MEV1D1509DC Datasheet HTML 4Page - Murata Power Solutions Inc. MEV1D1509DC Datasheet HTML 5Page - Murata Power Solutions Inc. MEV1D1509DC Datasheet HTML 6Page - Murata Power Solutions Inc. MEV1D1509DC Datasheet HTML 7Page - Murata Power Solutions Inc. MEV1D1509DC Datasheet HTML 8Page - Murata Power Solutions Inc. MEV1D1509DC Datasheet HTML 9Page - Murata Power Solutions Inc. MEV1D1509DC Datasheet HTML 10Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MEV1 Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_MEV1.F05 Page 10 of 10
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2015 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
PACKAGE SPECIFICATIONS (continued)
RECOMMENDED FOOTPRINT DETAILS
* Hole not required for single output variants.
TUBE OUTLINE DIMENSIONS
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Tube length (14 Pin DIP) : 20.47 (520mm ±2mm).
Tube length (7 Pin SIP) : 20.47 (520mm ±2mm).
14 Pin DIP Tube
7 Pin SIP Tube
14 Pin DIP Package
7 Pin SIP Package
Tube Quantity : 25
0.1 (2.54)
0.045 (1.15)
0.040 (1.00)
6 HOLES
0.1 (2.54)
Ø
0.00394 (0.1)
0.1 (2.54)
0.1 (2.54)
Ø
4 HOLES
0.00394 (0.1)
0.045 (1.15)
0.040 (1.00)
*
*


Similar Part No. - MEV1D1509DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEV1D1509DC MURATA-MEV1D1509DC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
More results

Similar Description - MEV1D1509DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com