Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP016FAR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC10EP016FAR2
Description  3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP016FAR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC10EP016FAR2 Datasheet HTML 4Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 5Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 6Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 7Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 8Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 9Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 10Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 11Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC10EP016, MC100EP016
http://onsemi.com
9
Applications Information (continued)
EP01
Q0 to Q7
P0 to P7
CLK
TC
PE
CE
Figure 6. 32-Bit Cascaded EP016 Programmable Divider
LO
CLK
CLK
CLK
MSB
LSB
EP016
EP01
EP01
Q0 to Q7
Q0 to Q7
Q0 to Q7
Q0 to Q7
P0 to P7
P0 to P7
P0 to P7
EP016
EP016
EP016
CLK
TC
PE
CE
CLK
CLK
TC
PE
CE
CLK
CLK
TC
PE
CE
CLK
Figure 6 shows a typical block diagram of a 32-bit divider
chain. Once again to maximize the frequency of operation
EP01 OR gates were used. For lower frequency applications
a slower OR gate could replace the EP01. Note that for a
16-bit divider the OR function feeding the PE (program
enable) input CANNOT be replaced by a wire OR tie as the
TC output of the least significant EP016 must also feed the
CE input of the most significant EP016. If the two TC
outputs were OR tied the cascaded count operation would
not operate properly. Because in the cascaded form the PE
feedback is external and requires external gating, the
maximum frequency of operation will be significantly less
than the same operation in a single device.
Maximizing EP016 Count Frequency
The EP016 device produces 9 fast transitioning
single–ended outputs, thus VCC noise can become
significant in situations where all of the outputs switch
simultaneously in the same direction. This VCC noise can
negatively impact the maximum frequency of operation of
the device. Since the device does not need to have the Q
outputs terminated to count properly, it is recommended that
if the outputs are not going to be used in the rest of the system
they should be left unterminated. In addition, if only a subset
of the Q outputs are used in the system only those outputs
should be terminated. Not terminating the unused outputs
will not only cut down the VCC noise generated but will also
save in total system power dissipation. Following these
guidelines will allow designers to either be more aggressive
in their designs or provide them with an extra margin to the
published data book specifications.


Similar Part No. - MC10EP016FAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP016FAR2 ONSEMI-MC10EP016FAR2 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAR2 ONSEMI-MC10EP016FAR2 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016FAR2G ONSEMI-MC10EP016FAR2G Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAR2G ONSEMI-MC10EP016FAR2G Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com