Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP016FAR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100EP016FAR2
Description  3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP016FAR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EP016FAR2 Datasheet HTML 1Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 2Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 3Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 4Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 5Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 6Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 7Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 8Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC10EP016, MC100EP016
http://onsemi.com
3
Figure 2. 8-BIT Binary Counter Logic Diagram
Note that this diagram is provided for understanding of logic operation only.
It should not be used for propagation delays as many gate functions are achieved internally without incurring a full gate delay.
P1
SLAVE
MASTER
5
TC
Q1
Q0
P7
Q6
Q5
Q4
Q3
Q2
Q1
CE
Q0
BIT 1
CE
Q0
Q0M
Q0M
PE
TCLD
CE
P0
MR
CLK
BIT 7
BITS 2–6
Q7
CLK
COUT
COUT
BIT 0
VBB
VEE
ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 100 V
> 2 kV
Moisture Sensitivity (Note 1)
Level 2
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V–0 @ 0.125 in
Transistor Count
897 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - MC100EP016FAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP016FAR2 ONSEMI-MC100EP016FAR2 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC100EP016FAR2 ONSEMI-MC100EP016FAR2 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC100EP016FAR2G ONSEMI-MC100EP016FAR2G Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com