Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9168A-24CBR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RT9168A-24CBR
Description  200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9168A-24CBR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RT9168A-24CBR Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9168A-24CBR Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9168A-24CBR Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9168A-24CBR Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9168A-24CBR Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9168A-24CBR Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9168A-24CBR Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9168A-24CBR Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9168A-24CBR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT9168/A
www.richtek-ic.com.tw
DS9168/A-03 May 2001
8
To ensure proper operation, the signal source used to
drive the SHDN input must be able to swing above and
below the specified turn-on/turn-off voltage thresholds
which guarantee an ON or OFF state (see Electrical
Characteristics). The ON/OFF signal may come from
either CMOS output, or an open-collector output with
pull-up resistor to the RT9168/A input voltage or
another logic supply. The high-level voltage may
exceed the RT9168/A input voltage, but must remain
within the absolute maximum ratings for the SHDN pin.
Internal P-Channel Pass Transistor
The RT9168/A features a typical 1.1
Ω P-channel
MOSFET
pass
transistor.
It
provides
several
advantages over similar designs using PNP pass
transistors, including longer battery life. The P-channel
MOSFET requires no base drive, which reduces
quiescent current considerably. PNP-based regulators
waste considerable current in dropout when the pass
transistor saturates. They also use high base-drive
currents under large loads. The RT9168/A does not
suffer from these problems and consume only 80µA of
quiescent current whether in dropout, light-load, or
heavy-load applications.
Input-Output (Dropout) Voltage
A
regulator’s
minimum
input-output
voltage
differential (or dropout voltage) determines the
lowest usable supply voltage. In battery-powered
systems, this will determine the useful end-of-life
battery voltage. Because the RT9168/A uses a P-
channel MOSFET pass transistor, the dropout
voltage is a function of drain-to-source on-resistance
[RDS(ON)] multiplied by the load current.
Reverse Current Path
The power transistor used in the RT9168/A has an
inherent diode connected between the regulator
input and output (see Fig.2). If the output is forced
above the input by more than a diode-drop, this
diode will become forward biased and current will
flow from the VOUT terminal to VIN. This diode will
also be turned on by abruptly stepping the input
voltage to a value below the output voltage. To
prevent regulator mis-operation, a Schottky diode
should
be
used
in
any
applications
where
input/output voltage conditions can cause the
internal diode to be turned on (see Fig.3). As shown,
the Schottky diode is connected in parallel with the
internal parasitic diode and prevents it from being
turned on by limiting the voltage drop across it to
about 0.3V. < 100 mA to prevent damage to the part.
Current Limit and Thermal Protection
The RT9168 includes a current limit which monitors
and controls the pass transistor’s gate voltage limiting
the output current to 300mA Typ. (700mA Typ. for
RT9168A). Thermal-overload protection limits total
power dissipation in the RT9168/A. When the junction
temperature exceeds TJ = +155°C, the thermal sensor
signals the shutdown logic turning off the pass
transistor and allowing the IC to cool. The thermal
sensor will turn the pass transistor on again after the
IC’s junction temperature cools by 10°C, resulting in a
pulsed output during continuous thermal-overload
conditions. Thermal-overloaded protection is designed
to protect the RT9168/A in the event of fault conditions.
Do not exceed the absolute maximum junction-
temperature rating of TJ = +150°C for continuous
operation. The output can be shorted to ground for an
Fig. 2
VIN
VOUT
Fig. 3
VIN
VOUT


Similar Part No. - RT9168A-24CBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168A RICHTEK-RT9168A Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GBR RICHTEK-RT9168A15GBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GS RICHTEK-RT9168A15GS Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GSH RICHTEK-RT9168A15GSH Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15PBR RICHTEK-RT9168A15PBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9168A-24CBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com