Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX4053 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LVX4053
Description  Analog Multiplexer/ Demultiplexer High-Performance Silicon-Gate CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4053 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LVX4053 Datasheet HTML 1Page - ON Semiconductor MC74LVX4053 Datasheet HTML 2Page - ON Semiconductor MC74LVX4053 Datasheet HTML 3Page - ON Semiconductor MC74LVX4053 Datasheet HTML 4Page - ON Semiconductor MC74LVX4053 Datasheet HTML 5Page - ON Semiconductor MC74LVX4053 Datasheet HTML 6Page - ON Semiconductor MC74LVX4053 Datasheet HTML 7Page - ON Semiconductor MC74LVX4053 Datasheet HTML 8Page - ON Semiconductor MC74LVX4053 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 4
1
Publication Order Number:
MC74LVX4053/D
MC74LVX4053
Analog Multiplexer/
Demultiplexer
High–Performance Silicon–Gate CMOS
The MC74LVX4053 utilizes silicon–gate CMOS technology to
achieve fast propagation delays, low ON resistances, and low OFF
leakage currents. This analog multiplexer/demultiplexer controls
analog voltages that may vary across the complete power supply range
(from VCC to VEE).
The LVX4053 is similar in pinout to the LVX8053, the HC4053A,
and the metal–gate MC14053B. The Channel–Select inputs determine
which one of the Analog Inputs/Outputs is to be connected, by means
of an analog switch, to the Common Output/Input. When the Enable
pin is HIGH, all analog switches are turned off.
The Channel–Select and Enable inputs are compatible with standard
CMOS outputs; with pull–up resistors, they are compatible with
LSTTL outputs.
This device has been designed so the ON resistance (RON) is more
linear over input voltage than the RON of metal–gate CMOS analog
switches and High–Speed CMOS analog switches.
Fast Switching and Propagation Speeds
Low Crosstalk Between Switches
Analog Power Supply Range (V
CC – VEE) =
*3.0 V to )3.0 V
Digital (Control) Power Supply Range (V
CC – GND) = 2.5 to 6.0 V
Improved Linearity and Lower ON Resistance Than Metal–Gate,
HSL, or VHC Counterparts
Low Noise
Designed to Operate on a Single Supply with V
EE = GND, or Using
Split Supplies up to
$ 3.0 V
Break–Before–Make Circuitry
http://onsemi.com
SO–16
D SUFFIX
CASE 751B
TSSOP–16
DT SUFFIX
CASE 948F
SO EIAJ–16
M SUFFIX
CASE 966
1
8
9
16
1
8
16
9
18
LVX4053
AWLYYWW
MARKING DIAGRAMS
LVX
4053
AWLYWW
LVX4053
ALYW
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX4053D
SO–16
48 Units/Rail
MC74LVX4053DR2
SO–16
2500 Units/Reel
MC74LVX4053DT
TSSOP–16
96 Units/Rail
MC74LVX4053DTR2 TSSOP–16 2500 Units/Reel
MC74LVX4053M
SO EIAJ–16
48 Units/Rail
MC74LVX4053MEL
SO EIAJ–16 2000 Units/Reel
9
16


Similar Part No. - MC74LVX4053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4053 ONSEMI-MC74LVX4053 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4053 ONSEMI-MC74LVX4053 Datasheet
181Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 8
MC74LVX4053 ONSEMI-MC74LVX4053 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX4053D ONSEMI-MC74LVX4053D Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4053DG ONSEMI-MC74LVX4053DG Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
More results

Similar Description - MC74LVX4053

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4052B ETC-IW4052B Datasheet
196Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4053A IKSEMICON-IN74HC4053A Datasheet
225Kb / 9P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
IW4051B IKSEMICON-IW4051B Datasheet
236Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4052B IKSEMICON-IW4052B Datasheet
256Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL4052B SLS-SL4052B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
SL74HC4052 SLS-SL74HC4052 Datasheet
88Kb / 9P
   Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
ON Semiconductor
MC74LVXT4051 ONSEMI-MC74LVXT4051 Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com