Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS_S5L1462B Datasheet(PDF) 10 Page - Samsung semiconductor

Part # DS_S5L1462B
Description  CD and DVD playback
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

DS_S5L1462B Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button DS_S5L1462B Datasheet HTML 6Page - Samsung semiconductor DS_S5L1462B Datasheet HTML 7Page - Samsung semiconductor DS_S5L1462B Datasheet HTML 8Page - Samsung semiconductor DS_S5L1462B Datasheet HTML 9Page - Samsung semiconductor DS_S5L1462B Datasheet HTML 10Page - Samsung semiconductor DS_S5L1462B Datasheet HTML 11Page - Samsung semiconductor DS_S5L1462B Datasheet HTML 12Page - Samsung semiconductor DS_S5L1462B Datasheet HTML 13Page - Samsung semiconductor DS_S5L1462B Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
S5L1462B
RF SIGNAL PROCESSOR
10
ELECTRICAL CHARACTERISTICS (Continued)
No
Item
Symbol
Input
Measuring
Output
Unit
point
Min.
Typ.
Max.
FOCUS ERROR AMP
44
Vfedvd1
(A,C)DVD1=1kHz Sine,
630mVpp+Vc (B,D)DVD1=1kHz
Sine(I) 630mVpp+Vc
GAIN_FE=-2dB, DVD Mode
45
Voltage Gain
Vfedvd2
(A,C)DVD1=1kHz Sine
63mVpp+Vc
(B,D)DVD1=1kHz Sine(I)
63mVpp+Vc GAIN_FE=18dB,
DVD Mode
FE
1.8
2.0
2.2
Vpp
46
Vfecd1
(A,C)DVD1=1kHz Sine
200mVpp+Vc (B,D)DVD1=1kHz
Sine(I) 200mVpp+Vc
GAIN_FE=8dB, CD Mode
47
Vfecd2
(A,C)DVD1=1kHz Sine
40mVpp+Vc (B,D)DVD1=1kHz
Sine(I) 40mVpp+Vc
GAIN_FE=22dB, CD Mode
48
Output Voltage
H
Vfehdvd
(B,D)DVD1=Vc+0.7V,
(A,C)DVD1=Vc, GAIN_FE=-2dB,
DVD
FE
2.8
2.9
V
49
Output Voltage
L
Vfeldvd
(B,D)DVD1=Vc-0.7V,
(A,C)DVD1=Vc, GAIN_FE=-2dB,
DVD
0.4
0.5
50
Output Voltage
H
Vfehcd
(B,D)DVD1=Vc+0.7V,
(A,C)DVD1=Vc, GAIN_FE=0dB,
CD
FE
2.8
2.9
V
51
Output Voltage
L
Vfelcd
(B,D)DVD1=Vc-0.7V,
(A,C)DVD1=Vc, GAIN_FE=0dB,
CD
0.4
0.5
52
Bandwidth
( -3dB Freq.)
Ffedvd
(A,C)DVD1=Sine 63mVpp+Vc
(B,D)DVD1=Sine(I) 63mVpp+Vc
GAIN_FE=18dB, Freq. Sweep,
DVD Mode
FE
25K
35K
45K
Hz
53
Ffecd
(A,C)DVD1=Sine 63mVpp+Vc
(B,D)DVD1=Sine(I) 63mVpp+Vc
GAIN_FE=18dB,Freq. Sweep ,
CD Mode
25K
35K
45K
Hz
54
Offset Voltage
Vosfe
(A-D)DVD1=Vc,
GAIN_FE=18dB,FEOFST=80H
FE
-300
0
300
mV


Similar Part No. - DS_S5L1462B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S5T8702 SAMSUNG-DS_S5T8702 Datasheet
444Kb / 62P
   FEEX ALPHANUMERIC DECODER II
More results

Similar Description - DS_S5L1462B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
   DVD and CD playback IC
Rev. 03-25 November 2004
logo
Rohm
RLD2WMUL3 ROHM-RLD2WMUL3 Datasheet
690Kb / 1P
   2-Wavelength Laser Diodes for DVD/CD Playback
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
ATMEL Corporation
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
   DVD/CD Servo
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
logo
NXP Semiconductors
SAA7335 PHILIPS-SAA7335 Datasheet
196Kb / 36P
   DSP for CD and DVD-ROM systems
1997 Aug 11
TZA1045 PHILIPS-TZA1045 Datasheet
92Kb / 20P
   Photodiode and amplifier IC for CD and DVD applications
2003 Jun 26
TZA1046 PHILIPS-TZA1046 Datasheet
133Kb / 24P
   Photodiode and amplifier IC for CD and DVD applications
2004 May 04
logo
Rohm
BA5986FM ROHM-BA5986FM Datasheet
94Kb / 10P
   CD-ROM / DVD BTL DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com