Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQXO-445 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXO-445
Description  Crystal Clock Oscillator Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXO-445 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXO-445 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXO-445 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IQXO-445
Crystal Clock Oscillator Specification
ISSUE 1; June 2016
Outline (mm)
Description
Tight stability, hermetically sealed oscillator in a 2.5 x 2.0mm
SMD package.
Frequency Parameters
Frequency
4.0MHz to 54.0MHz
Frequency Stability
±10.00ppm to ±20.00ppm
Frequency Stability is inclusive of tolerance @ 25°C, operating
temperature range, supply voltage variation, load variation and
ageing in 1st year @ 25°C.
Developed Frequencies: 8.0MHz, 10.0MHz, 25.0MHz,
26.0MHz, 40.0MHz, 50.0MHz, 54.0MHz.
Electrical Parameters
3.3V ±10%
Supply Voltage
Operating Temperature Ranges
-20 to 70°C
-40 to 85°C
Output Details
Output Compatability
CMOS
Drive Capability
15pF
Output Control
Logic ‘1’ (≥70%Vs) to pad 1 enables oscillator output.
Logic ‘0’ (≤30%Vs) to pad 1 disables oscillator output; when
disabled the oscillator output goes to the high impedance
state.
No connection to pad 1 enables oscillator output.
Standby Current: 10μA max
Output Levels
VoH: 90%Vs min
VoL: 10%Vs max
Noise Parameters
Period Jitter (RMS 1σ): 3ps typ
Environmental Parameters
Storage Temperature Range: –40 to 85°C
Drop: 100cm drop (3 times) onto hard wooden board.
Vibration: Frequency 10Hz-55Hz, amplitude 1.5mm
(10Hz-36Hz), 4G (36Hz-55Hz), sweep time 1min/oct, duration
2hrs in 3 mutually perpendicular planes.
Manufacturing Details
Maximum Process Temperature: 260°C (10secs max)
Printed on 31 Aug 16 16:00 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXO-445

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXO-446 IQD-IQXO-446 Datasheet
203Kb / 2P
   Crystal Clock Oscillator Specification
IQXO-447 IQD-IQXO-447 Datasheet
200Kb / 2P
   Crystal Clock Oscillator Specification
More results

Similar Description - IQXO-445

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CXOXULP-1.8V IQD-CXOXULP-1.8V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULP-3.3V IQD-CXOXULP-3.3V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULPHT-3.3V IQD-CXOXULPHT-3.3V Datasheet
278Kb / 3P
   Crystal Clock Oscillator Specification
IQXO-430 IQD-IQXO-430 Datasheet
217Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
   Crystal Clock Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com