Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4016-3PF144I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QL4016-3PF144I
Description  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL4016-3PF144I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QL4016-3PF144I Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4016-3PF144I Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4016-3PF144I Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4016-3PF144I Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4016-3PF144I Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-3PF144I Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-3PF144I Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-3PF144I Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-3PF144I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
5
QL4016 QuickRAM Data Sheet Rev I
Figure 4: QuickRAM Module
Table 2: RAM Cell Synchronous Write Timing
Symbol
Parameter
Propagation Delays (ns)
Fanout
1
2
3
4
5
t
SWA
WA Setup Time to WCLK
1.0
1.0
1.0
1.0
1.0
tHWA
WA Hold Time to WCLK
0.0
0.0
0.0
0.0
0.0
t
SWD
WD Setup Time to WCLK
1.0
1.0
1.0
1.0
1.0
t
HWD
WD Hold Time to WCLK
0.0
0.0
0.0
0.0
0.0
tSWE
WE Setup Time to WCLK
1.0
1.0
1.0
1.0
1.0
t
HWE
WE Hold Time to WCLK
0.0
0.0
0.0
0.0
0.0
t
WCRD
WCLK to RD (WA=RA)a
a. Stated timing for worst case Propagation Delay over process variation at V
CC = 3.3 V and
TA = 25
° C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature
settings as specified in the Operating Range.
5.0
5.3
5.6
5.9
7.1
Table 3: RAM Cell Synchronous Read Timing
Symbol
Parameter
Propagation Delays (ns)
Fanout
Logic Cells
1
2
3
4
5
tSRA
RA Setup Time to RCLK
1.0
1.0
1.0
1.0
1.0
t
HRA
RA Hold Time to RCLK
0.0
0.0
0.0
0.0
0.0
t
SRE
RE Setup Time to RCLK
1.0
1.0
1.0
1.0
1.0
tHRE
RE Hold Time to RCLK
0.0
0.0
0.0
0.0
0.0
t
RCRD
RCLK to RDa
a. Stated timing for worst case Propagation Delay over process variation at VCC = 3.3 V and
TA = 25
× C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature
settings as specified in the Operating Range.
4.0
4.3
4.6
4.9
6.1
WA
WD
WE
WCLK
RE
RCLK
RA
RD
[8:0]
[17:0]
[8:0]
[17:0]
MODE
ASYNCRD
[1:0]


Similar Part No. - QL4016-3PF144I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016-0CF100M ETC1-QL4016-0CF100M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CF100M/883 ETC1-QL4016-0CF100M/883 Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CF208M ETC1-QL4016-0CF208M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CF208M/883 ETC1-QL4016-0CF208M/883 Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CG144M ETC1-QL4016-0CG144M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4016-3PF144I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com