Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2411DH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA2411DH
Description  20 dBm single chip linear amplifier for WLAN
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2411DH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA2411DH Datasheet HTML 2Page - NXP Semiconductors SA2411DH Datasheet HTML 3Page - NXP Semiconductors SA2411DH Datasheet HTML 4Page - NXP Semiconductors SA2411DH Datasheet HTML 5Page - NXP Semiconductors SA2411DH Datasheet HTML 6Page - NXP Semiconductors SA2411DH Datasheet HTML 7Page - NXP Semiconductors SA2411DH Datasheet HTML 8Page - NXP Semiconductors SA2411DH Datasheet HTML 9Page - NXP Semiconductors SA2411DH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Philips Semiconductors
Product data
SA2411
+20 dBm single chip linear amplifier for WLAN
2003 Feb 07
6
8. OPERATION
The SA2411 linear amplifier is intended for operation in the 2.4 GHz band, specifically for IEEE 802.11 1 and 2 Mbits/s DSSS, and 5.5 and 11
Msymbols/s CCK standards. Throughout this document, the operating RF frequency refers to the ISM band between 2.4 and 2.5 GHz.
Amplifier Output Power
The SA2411 linear amplifier is designed to give at least 19 dBm output power for an 11 Msymbols/s CCK modulated input carrier. At 19 dBm
output power the ACPR specs are met. The fixed gain amplifier amplifies the input signal by 14.5 dB typically.
Power Mode
The biasing can be adjusted to change the gain and therefore the maximum linear output power. For high supply voltages (>3.2 V) the low-gain
mode is advised. For low supply voltages (<3.3 V) the high-gain mode is advised.
Power Mode
Pin 9 =
Typical output power
Typical small
signal Gain
Typical DC current
(no RF signal)
Typical Current
consumption
High
Floating
20.0 dBm
14.5 dB
35 mA
185 mA @ 20 dBm
Low
Grounded
20.0 dBm
13 dB
28 mA
185 mA @ 20 dBm
Power detector
The power detector current output is linear proportional with the RF output voltage. The RF output power is quadratic proportional to the RF
output voltage. Therefore, the detector is quadratic proportional to the output power. The following relation can be expressed:
Pout + k
Vndetector
Pout is output power in mWatt, Vdetector is detector voltage in Volt, k = sensitivity in mWatt/V2, n = quadratic factor.
The quadratic factor is 1.5. The sensitivity is then 49 mWatt/V2.
Pout
Vdetector (5.6 kΩ load)
Idetector (5.6 kΩ in series)
20 dBm = 100 mW
1.7 V
300 uA
19 dBm = 79 mW
1.4 V
250 uA
17 dBm = 50 mW
1.0 V
175 uA
15 dBm = 32 mW
0.7 V
125 uA
9 dBm = 8 mW
0.3 V
50 uA
The loading of the detector can be different in the application. The highest accuracy is achieved with 5.6 k
Ω. But other values can be used to
adapt to the maximum input sensitivity of other circuits. Other detector loading values result in other k-factors. The maximum detector voltage is
limited to about 2.4 V.
DC feed at input
There is a possibility to add a DC voltage at the input pins (pin 4 and pin 5) by feeding pin 2. This option should be used in case the SA2411 is
lined up with the SA2400A.


Similar Part No. - SA2411DH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
More results

Similar Description - SA2411DH

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
   High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
logo
Transcom, Inc.
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
   10 - 16GHz 20 dBm Amplifier
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
logo
Pasternack Enterprises,...
PE15A6012 PASTERNACK-PE15A6012 Datasheet
512Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
PE15A6008 PASTERNACK-PE15A6008 Datasheet
513Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
logo
Transcom, Inc.
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
logo
Skyworks Solutions Inc.
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
   2.4GHz High Power 802.11n WLAN Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
RFX242 SKYWORKS-RFX242 Datasheet
810Kb / 6P
   2.4GHz High Power 802.11ac WLAN Linear Power Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com