Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2045CT Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MBR2045CT
Description  20A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MBR2045CT Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MBR2045CT Datasheet HTML 1Page - MORE Semiconductor Company Limited MBR2045CT Datasheet HTML 2Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free
FEATURES
·Metal of silicon rectifier,majority carrier conducton
·Guard ring for transient protection
·Low power loss, high efficiency
·High current capability, low VF
·High surge capacity
·Plastic package has UL flammability
MECHANICAL DATA
·Case :TO-220
·Polarity : As marked on the body
·Mounting position : Any
MAXIMUM RATINGS AND
AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%
20A Schottky Barrier Rectifiers
MBR2045CT
MORE Semiconductor Company Limited
http://www.moresemi.com
1/2
classification 94V-0
molded plastic
TO-220 PACKAGE
CHARACTERISTICS
SYMBOL
MBR2045CT
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
45
V
Maximum RMS Voltage
VRMS
31.5
V
Maximum DC Blocking Voltage
Vcc
45
V
Maximum Average Forward
Rectified Current
I(AV)
20
A
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
IFSM
200
A
Maximum Forward Voltage at 10A DC VF
0.65
V
Maximum DC Reverse Current
@TC=25℃
at Rated DC Blocking Voltage
@TC=125℃
IR
0.15
50
MA
Typical Junction Capacitance
CJ
350
pF
Typical Thermal Resistance
R0JC
2.5
℃/W
Operating Temperature Range
TJ
-55to+175
Storage Temperature Range
TSTG
-55to+175


Similar Part No. - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR2045CT KERSEMI-MBR2045CT Datasheet
427Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Motorola, Inc
MBR2045CT MOTOROLA-MBR2045CT Datasheet
135Kb / 6P
   SWITCHMODE?? Power Rectifiers
logo
Microdiode Electronics ...
MBR2045CT CHENDA-MBR2045CT Datasheet
625Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sangdest Microelectroni...
MBR2045CT SMC-MBR2045CT Datasheet
170Kb / 6P
   SCHOTTKY RECTIFIER
logo
Galaxy Semi-Conductor H...
MBR2045CT BILIN-MBR2045CT Datasheet
353Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
   20A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
   20A Schottky Barrier Rectifiers
SM20200D SECOS-SM20200D Datasheet
308Kb / 2P
   20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
MBR2040CT FRONTIER-MBR2040CT Datasheet
528Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR2045FCT MORESEMI-MBR2045FCT Datasheet
710Kb / 2P
   20A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM20150D SECOS-SM20150D_15 Datasheet
242Kb / 2P
   20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
F20S45-THRU-F20S50 FRONTIER-F20S45-THRU-F20S50 Datasheet
497Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR20100CT MORESEMI-MBR20100CT Datasheet
770Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20200CT MORESEMI-MBR20200CT Datasheet
894Kb / 2P
   20A Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com