Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6440UTE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6440UTE
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6440UTE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6440UTE Datasheet HTML 3Page - Maxim Integrated Products MAX6440UTE Datasheet HTML 4Page - Maxim Integrated Products MAX6440UTE Datasheet HTML 5Page - Maxim Integrated Products MAX6440UTE Datasheet HTML 6Page - Maxim Integrated Products MAX6440UTE Datasheet HTML 7Page - Maxim Integrated Products MAX6440UTE Datasheet HTML 8Page - Maxim Integrated Products MAX6440UTE Datasheet HTML 9Page - Maxim Integrated Products MAX6440UTE Datasheet HTML 10Page - Maxim Integrated Products MAX6440UTE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Detailed Description
The MAX6439–MAX6442 family is available with several
monitoring options. The factory-trimmed thresholds
eliminate the requirement for external components. The
MAX6439/MAX6440 have single low-battery outputs
and the MAX6441/MAX6442 have dual low-battery out-
puts (see Figure 1a and Figure 1b).
The MAX6439–MAX6442 combine a 1.23V reference
with two comparators, logic, and timing circuitry to pro-
vide the user with information about the charge state of
the power-supply batteries. The MAX6441/MAX6442
monitor separate high-voltage and low-voltage thresh-
olds to determine battery status. The output(s) can be
used to signal when the battery is charged, when the
battery is low, and when the battery is empty. Factory-
trimmed thresholds are ideal for monitoring single-cell
Li+ or multicell alkaline/NiCd/NiMH power supplies.
When the power-supply voltage drops below the speci-
fied low threshold, the low-battery output asserts. When
the voltage rises above the specified high threshold fol-
lowing a 150ms (min) timeout period, the low-battery
output is deasserted. This ensures the supply voltage
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
_______________________________________________________________________________________
7
Pin Description
PIN
MAX6439/
MAX6440
MAX6441/
MAX6442
NAME
FUNCTION
11
VBATT
Battery Voltage Input. Input for battery voltage threshold monitors and device power supply
if VBATT is greater than VCC.
23
MR
Manual Reset Input, Active-Low, Internal 1.5k
Ω Pullup to VCC. Pull low to assert a one-shot
edge-triggered RESET output for the MR reset timeout period. Leave unconnected or
connect to VCC if unused. The MR input is debounced for MR rising edges to prevent false
reset events.
3
LBO
Low-Battery Output, Active Low, Open Drain. LBO is asserted when VBATT drops below the
LTH specification and remains asserted until VBATT rises above the HTH specification for at
least 150ms.
45
RESET
Reset Output, Active Low, Push-Pull or Open Drain. RESET changes from high to low when
the VCC input drops below the selected reset threshold and remains low for the VCC reset
timeout period after VCC exceeds the reset threshold. RESET is one-shot edge-trigger
pulsed low for the MR reset timeout period when the MR input is pulled low. RESET is an
open-drain output for the MAX6439/MAX6441, and a push-pull output for the
MAX6440/MAX6442. The push-pull outputs are referenced to VCC. RESET is guaranteed to
be in the correct logic state for VBATT or VCC > 1.0V.
5
2
GND
Ground
68
VCC
VCC Voltage Input. Input for VCC reset threshold monitor and device power supply if VCC is
greater than VBATT.
6
LBOH
Low-Battery Output High, Active Low, Open Drain. LBOH is asserted when VBATT drops
below the HTH- specification. LBOH is deasserted when VBATT rises above the HTH+
specification for at least 150ms.
7
LBOL
Low-Battery Output Low, Active Low, Open Drain. LBOL is asserted when VBATT drops
below the LTH- specification. LBOL is deasserted when VBATT rises above the LTH+
specification for at least 150ms.
4
LBOLH
Low-Battery Output Low/High, Active Low, Open Drain. LBOLH is asserted when VBATT
drops below the LTH- specification. LBOLH is deasserted when VBATT rises above the
HTH+ specification for at least 150ms.


Similar Part No. - MAX6440UTE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6440UT___D_-T MAXIM-MAX6440UT___D_-T Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
More results

Similar Description - MAX6440UTE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com