Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8507S Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA8507S
Description  COMPANDER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA8507S Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA8507S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA8507S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA8507S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA8507S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA8507S Datasheet HTML 5Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silan
Semiconductors
SA8507
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.1
2001-11-30
2
BLOCK DIAGRAM
CPI-
+
-
Summing
AMP
Variable
Resistor
Rectifier
Byath
Limiter
Compressor
Mute
Compressor
Output Buffer
+
-
+
-
Variable
Resistor
Rectifier
Summing
AMP
Expandor
Mute
Bias Circuit
Logic
11
12
13
1
20
10
14
9
19
18
17
7
8
CPI+
5
6
4
3
2
DO
ERC
EO
CB EB GND
Vcc
EMUTE
BYPATH
CMUTE
FO
FI
CO
DI
CRC
AGIC
16
15
EPI+
EPI-
Byath
ABSOLUTE MAXIMUM RATINGS(Ta=25°C )
Characteristic
Symbol
Value
Unit
Supply Voltage
V
CC
10
V
SA8507D
1000
mW
Power Dissipation
SA8507S
PD
410
mW
Operating Temperature
T
OPR
-22 ~ +70
°C
Storage Temperature
T
STG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
DC ELECTRICAL CHARACTERISTICS
Operating Voltage
VCC
--
--
2.4
7.0
V
Operating Current
ICC
No Signal
--
4.0
6.5
mA
COMPRESSOR PART
Standard Output Voltage
VO(COMP)
Vin=12.5mV
240
300
360
mVrms
∆GV1(COMP) Vin=-20dB(300mV=0dB)
-0.5
0
+0.5
Gain Deference
∆GV2(COMP) Vin=-40dB
-1.0
0
+1.0
dB
Bypath Gain Difference
∆GVB(COMP) Vout=0dB, BYPATH=GND
-1.5
0
+1.5
dB
Output Distortion
THDCOMP Vin=0dB
--
0.5
1.0
%
Noise Output Voltage
VNO(COMP) Rg=620hm
--
3.0
5.5
mVrns
Mute Attenuation Radio
ATTMUTE
Vin=0dB, CMUTE=GND
60
80
--
dB
Maximum Voltage
V
out
--
1.15
1.35
1.50
Vrms
(To be continued)


Similar Part No. - SA8507S

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA850(C)-G COMCHIP-SA850(C)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
SA850A(CA)-G COMCHIP-SA850A(CA)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
SA850A-HF COMCHIP-SA850A-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
SA850ACA-HF COMCHIP-SA850ACA-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA8507S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC571N UTC-UTC571N Datasheet
187Kb / 4P
   COMPANDER
logo
Samsung semiconductor
KA8507B SAMSUNG-KA8507B Datasheet
82Kb / 6P
   COMPANDER
logo
Hangzhou Youwang Electr...
UTC31101 YOUWANG-UTC31101 Datasheet
278Kb / 8P
   Compander
2005.11.30 V1.1
UTC571M YOUWANG-UTC571M Datasheet
621Kb / 17P
   Compander
2005.12.01
logo
Hynix Semiconductor
GL6551 HYNIX-GL6551 Datasheet
71Kb / 5P
   COMPANDER
logo
Unisonic Technologies
8507 UTC-8507_15 Datasheet
222Kb / 6P
   4mA COMPANDER
logo
Mitsumi Electronics, Co...
MM1077 MITSUMI-MM1077 Datasheet
163Kb / 7P
   Compander IC
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com