Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331MDBVTEP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL331MDBVTEP
Description  SINGLE DIFFERENTIAL COMPARATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331MDBVTEP Datasheet(HTML) 2 Page - Texas Instruments

  TL331MDBVTEP Datasheet HTML 1Page - Texas Instruments TL331MDBVTEP Datasheet HTML 2Page - Texas Instruments TL331MDBVTEP Datasheet HTML 3Page - Texas Instruments TL331MDBVTEP Datasheet HTML 4Page - Texas Instruments TL331MDBVTEP Datasheet HTML 5Page - Texas Instruments TL331MDBVTEP Datasheet HTML 6Page - Texas Instruments TL331MDBVTEP Datasheet HTML 7Page - Texas Instruments TL331MDBVTEP Datasheet HTML 8Page - Texas Instruments TL331MDBVTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
80-
µA
Current Regulator
80
µA
60
µA
10
µA
VCC
10
µA
OUT
GND
IN+
IN−
Epi-FET
Diodes
Resistors
Transistors
COMPONENT COUNT
1
2
1
20
IN+
IN−
OUT
TL331-EP
SLVSBU6 – JUNE 2013
www.ti.com
LOGIC DIAGRAM
SCHEMATIC
Note:
Current values shown are nominal.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage(2)
36 V
VID
Differential input voltage(3)
±36 V
VI
Input voltage range (either input)
–0.3 V to 36 V
VO
Output voltage
36 V
IO
Output current
20 mA
Duration of output short-circuit to ground(4)
Unlimited
TJ
Operating virtual junction temperature
150°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the network ground.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TL331-EP


Similar Part No. - TL331MDBVTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331MDBVTEP TI1-TL331MDBVTEP Datasheet
698Kb / 12P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
More results

Similar Description - TL331MDBVTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331-Q1 TI-TL331-Q1_15 Datasheet
687Kb / 11P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331KDBVR TI-TL331KDBVR Datasheet
744Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
logo
Diodes Incorporated
AP331A DIODES-AP331A Datasheet
275Kb / 13P
   SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
logo
Texas Instruments
TL331-Q1 TI1-TL331-Q1_13 Datasheet
703Kb / 11P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331 TI-TL331 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI-TL331-EP_15 Datasheet
687Kb / 11P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
802Kb / 18P
[Old version datasheet]   Single Differential Comparator
TL331 TI-TL331_06 Datasheet
161Kb / 6P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331-Q1 TI1-TL331-Q1 Datasheet
355Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_14 Datasheet
698Kb / 12P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com