Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43516 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43516
Description  Capacitors with 4-pin snap-in terminals and solder pins
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43516 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43516_15 Datasheet HTML 5Page - TDK Electronics B43516_15 Datasheet HTML 6Page - TDK Electronics B43516_15 Datasheet HTML 7Page - TDK Electronics B43516_15 Datasheet HTML 8Page - TDK Electronics B43516_15 Datasheet HTML 9Page - TDK Electronics B43516_15 Datasheet HTML 10Page - TDK Electronics B43516_15 Datasheet HTML 11Page - TDK Electronics B43516_15 Datasheet HTML 12Page - TDK Electronics B43516_15 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
Composition of ordering code
* =
Terminal type
## = Terminal style and insulation feature
1 = 4-pin snap-in terminals
2 = solder pin
00 = solder pin or 4-pin snap-in standard
terminals and PVC insulation
07 = 4-pin snap-in short terminals and PVC
insulation
80 = 4-pin snap-in standard terminals and PVC
insulation with additional PET insulation cap
on terminal side
87 = 4-pin snap-in short terminals and PVC
insulation with additional PET insulation cap
on terminal side
VR = 350 V DC
390
35
× 40
180
55
240
5.04
3.75
1.92
B435*6A4397M0##
470
35
× 45
150
45
200
5.71
4.24
2.17
B435*6A4477M0##
560
35
× 45
120
40
170
6.36
4.72
2.41
B435*6A4567M0##
560
40
× 40
130
40
170
6.46
4.80
2.46
B435*6B4567M0##
680
35
× 55
100
34
140
7.34
5.45
2.79
B435*6A4687M0##
680
40
× 45
100
36
140
7.33
5.44
2.79
B435*6B4687M0##
820
35
× 65
85
28
120
8.41
6.25
3.21
B435*6A4827M0##
820
40
× 50
85
30
120
8.29
6.15
3.15
B435*6B4827M0##
820
45
× 40
90
34
130
8.18
6.07
3.11
B43516C4827M0##
1000
35
× 75
70
24
95
9.74
7.24
3.71
B435*6A4108M0##
1000
40
× 60
70
24
100
9.53
7.08
3.63
B435*6B4108M0##
1000
45
× 45
75
28
110
9.28
6.88
3.52
B43516C4108M0##
1200
35
× 85
60
19
80
11.1
8.32
4.26
B435*6A4128M0##
1200
40
× 65
60
22
85
10.7
8.00
4.10
B435*6B4128M0##
1200
45
× 50
60
24
85
10.4
7.72
3.95
B43516C4128M0##
1500
40
× 80
45
17
65
12.9
9.59
4.91
B435*6A4158M0##
1500
45
× 65
50
18
65
12.4
9.27
4.75
B43516B4158M0##
1800
40
× 95
40
14
55
14.8
11.0
5.67
B435*6A4188M0##
1800
45
× 75
40
15
55
14.2
10.5
5.40
B43516B4188M0##
2200
45
× 90
34
13
45
16.4
12.2
6.27
B43516A4228M0##
2700
45
× 100
28
11
38
19.0
14.1
7.25
B43516A4278M0##
B43516, B43526
Compact
105
°C
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43516_15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43516 TDK-B43516 Datasheet
797Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43516_15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
List of Unclassifed Man...
EKMM161VSN152MQ60T ETC2-EKMM161VSN152MQ60T Datasheet
143Kb / 12P
   PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
United Chemi-Con, Inc.
EKMH500VSN332MP35T CHEMI-CON-EKMH500VSN332MP35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com